Electronic Components Datasheet Search
  English  ▼

X  

LTC5531 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5531
Description  Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5531 Datasheet(HTML) 4 Page - Linear Technology

  LTC5531 Datasheet HTML 1Page - Linear Technology LTC5531 Datasheet HTML 2Page - Linear Technology LTC5531 Datasheet HTML 3Page - Linear Technology LTC5531 Datasheet HTML 4Page - Linear Technology LTC5531 Datasheet HTML 5Page - Linear Technology LTC5531 Datasheet HTML 6Page - Linear Technology LTC5531 Datasheet HTML 7Page - Linear Technology LTC5531 Datasheet HTML 8Page - Linear Technology LTC5531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5531
4
5531f
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Detector Characteristics,
4000MHz
Typical Detector Characteristics,
5000MHz
Typical Detector Characteristics,
6000MHz
Typical Detector Characteristics,
7000MHz
VOUT Slope vs RF Input Power
at 300MHz
Typical Detector Characteristics,
2000MHz
Typical Detector Characteristics,
3000MHz
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5531 G07
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
TA = –40°C
TA = 85°C
VOS = 0V
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5531 G09
–30 –26 –22 –18 –14 –10 –6 –2
2
6
10
TA = –40°C
TA = 85°C
VOS = 0V
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5531 G10
–30 –26 –22 –18 –14 –10 –6 –2
2
6
10
TA = –40°C
TA = 85°C
VOS = 0V
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5531 G11
–30 –26 –22 –18 –14 –10 –6 –2
2
6
10
TA = –40°C
TA = 85°C
VOS = 0V
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5531 G12
–30 –26 –22 –18 –14 –10 –6 –2
2
6
10
TA = –40°C
TA = 85°C
VOS = 0V
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5531 G13
–30 –26 –22 –18 –14 –10 –6 –2
2
6
10
TA = –40°C
TA = 85°C
VOS = 0V
VCC = 3.6V
TA = 25°C
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5531 G14
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com