Electronic Components Datasheet Search
  English  ▼

X  

LTC5531 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5531
Description  Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5531 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5531 Datasheet HTML 2Page - Linear Technology LTC5531 Datasheet HTML 3Page - Linear Technology LTC5531 Datasheet HTML 4Page - Linear Technology LTC5531 Datasheet HTML 5Page - Linear Technology LTC5531 Datasheet HTML 6Page - Linear Technology LTC5531 Datasheet HTML 7Page - Linear Technology LTC5531 Datasheet HTML 8Page - Linear Technology LTC5531 Datasheet HTML 9Page - Linear Technology LTC5531 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC5531
6
5531f
TYPICAL PERFOR A CE CHARACTERISTICS
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = 0dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(
Ω)(Ω)
0.30
290.45
–136.22
0.50
234.41
–162.54
0.70
178.25
–170.53
0.90
137.31
–159.89
1.10
109.17
–147.57
1.30
86.30
–136.18
1.50
68.65
–121.74
1.70
57.48
–107.60
1.90
49.79
– 96.72
2.10
43.56
– 86.70
2.30
38.67
–77.91
2.50
34.82
–70.13
2.70
31.68
– 62.86
2.90
29.13
– 56.01
3.10
27.17
– 49.83
3.30
25.73
– 44.24
3.50
24.56
– 39.74
3.70
23.18
– 35.35
3.90
22.31
– 30.62
4.10
20.73
–26.88
4.30
19.88
–22.31
4.50
19.40
–18.23
4.70
19.05
–14.25
4.90
19.08
–10.21
5.10
19.55
– 6.30
5.30
20.85
– 2.84
5.50
21.94
–1.49
5.70
20.60
– 0.07
5.90
19.29
2.99
6.10
18.69
6.61
6.30
18.53
10.39
6.50
18.74
14.35
6.70
19.79
17.91
6.90
19.75
20.77
7.00
19.99
22.47
5508 TA03
S11 Forward Reflection
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com