Electronic Components Datasheet Search
  English  ▼

X  

RH1814M Datasheet(PDF) 3 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/s Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 3 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RH1814M
3
1814mfb
TABLE 2: ELECTRICAL CHARACTERISTICS (Post-Irradiation)
VS = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
10KRAD(Si) 20KRAD(Si) 50KRAD(Si) 100KRAD(Si) 200KRAD(Si)
UNITS
MIN
MAX MIN
MAX MIN
MAX MIN
MAX MIN
MAX
VOS
Input Offset Voltage
(Note 4)
2
2
4
4
4
mV
IOS
Input Offset Current
500
500
750
1000
1500
nA
IB
Input Bias Current
±5
±5
±7.5
±10
±15
µA
Input Voltage Range
Guaranteed by CMRR
±3.5
±3.5
±3.5
±3.5
±3.5
V
CMRR
Common Mode Rejection
Ratio
VCM = ±3.5V
73
73
62
62
62
dB
PSRR
Power Supply Rejection
Ratio
VS = ±2V to ±5.5V
77
75
65
65
65
dB
AVOL
Large-Signal Voltage Gain VO = ±3V, RL = 500Ω
VO = ±3V, RL = 100Ω
1.4
0.9
1.3
0.8
1.0
0.6
0.8
0.5
0.6
0.4
V/mV
V/mV
VOUT
Maximum Output Voltage
Swing
RL = 500Ω, 30mV Overdrive
RL = 100Ω, 30mV Overdrive
±3.8
±3.35
±3.8
±3.30
±3.7
±3.25
±3.6
±3.15
±3.5
±3.05
V
V
IS
Supply Current
per Amplifier
3.6
3.6
3.6
3.6
3.6
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com