Electronic Components Datasheet Search
  English  ▼

X  

RH1814M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/s Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 4 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RH1814M
4
1814mfb
TABLE 1: ELECTRICAL CHARACTERISTICS (Pre-Irradiation)
VS = 5V, OV, VCM = 2.5V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
(Note 4)
2
1
5
2, 3
mV
∆VOS
∆Temp
Average Tempco of Offset
Voltage
(Note 5)
30
µV/°C
IOS
Input Offset Current
400
1
1000
2, 3
nA
IB
Input Bias Current
±4
1
±10
2, 3
µA
en
Input Noise Voltage Density fO = 10kHz
8
nV/√Hz
in
Input Noise Current Density fO = 10kHz
1
pA/√Hz
RIN
Input Resistance
VCM = 1.5V to 3.5V
3
MΩ
AVOL
Large-Signal Voltage Gain
VO = 1.5V to 3.5V, RL ≥ 500Ω
VO = 1.5V to 3.5V, RL ≥ 100Ω
1
0.7
4
4
0.5
0.3
5, 6
V/mV
V/mV
Input Voltage Range
(Positive)
Guaranteed by CMRR
3.5
3.5
V
Input Voltage Range
(Negative)
Guaranteed by CMRR
1.5
1.5
V
CMRR
Common Mode Rejection
Ratio
VCM = 1.5V to 3.5V
73
1
68
dB
PSRR
Power Supply Rejection
Ratio
VS = ±2V to ±5.5V
78
1
72
2, 3
dB
Channel Separation
VOUT = 1.5V to 3.5V, RL = 100Ω
81
1
77
dB
VOUT
Output Voltage Swing
(Positive)
RL = 500Ω, 30mV Overdrive
RL = 100Ω, 30mV Overdrive
3.9
3.7
4
4
3.5
3.3
5, 6
5, 6
V
V
Output Voltage Swing
(Negative)
RL = 500Ω, 30mV Overdrive
RL = 100Ω, 30mV Overdrive
1.1
1.3
1.3
1.5
5, 6
V
V
IOUT
Maximum Output Current
VOUT = 1.5V to 3.5V,
30mV Overdrive
±25
±15
mA
ISC
Output Short-Circuit
Current
VOUT = 2.5V, 1V Overdrive
(Note 3)
±55
±30
mA
IS
Supply Current
per Amplifier
4
1
7.5
2, 3
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com