Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # 7805
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

7805 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  7805 Datasheet HTML 1Page - KEC(Korea Electronics) 7805 Datasheet HTML 2Page - KEC(Korea Electronics) 7805 Datasheet HTML 3Page - KEC(Korea Electronics) 7805 Datasheet HTML 4Page - KEC(Korea Electronics) 7805 Datasheet HTML 5Page - KEC(Korea Electronics) 7805 Datasheet HTML 6Page - KEC(Korea Electronics) 7805 Datasheet HTML 7Page - KEC(Korea Electronics) 7805 Datasheet HTML 8Page - KEC(Korea Electronics) 7805 Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2010. 5. 19
5/20
KIA7805AP~KIA7824AP
Revision No : 1
KIA7807AP
ELECTRICAL CHARACTERISTICS (VIN=12V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig. 1
Tj=25 , IOUT=100mA
6.72
7.0
7.28
V
Input Regulation
Reg line
Fig. 1
Tj=25
9V
VIN 25V
-
5
140
mV
10V
VIN 14V
-
2
70
Load Regulation
Reg load
Fig. 1
Tj=25
5mA
IOUT 1.5A
-
15
140
mV
250mA
IOUT 750mA
-
5
70
Output Voltage
VOUT
Fig. 1
9V
VIN 22V
6.65
-
7.35
V
Quiescent Current
IB
Fig. 1
Tj=25 , IOUT=5mA
-
4.3
8.0
mA
Quiescent Current Change
IB
Fig. 1
9V
VIN 25V
-
-
1.3
mA
Output Noise Voltage
VNO
Fig. 2
Ta=25
, 10Hz
f
100kHz
-
60
-
Vrms
Ripple Rejection Ratio
RR
Fig. 3
f=120Hz, 10V
VIN 20V,
59
75
-
dB
Dropout Voltage
VD
Fig. 1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
Fig. 1
Tj=25
-
1.3
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig. 1
IOUT=5mA, 0
Tj 125
-
-0.8
-
mV/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com