Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 20 Page - KEC(Korea Electronics)

Part # 7805
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

7805 Datasheet(HTML) 20 Page - KEC(Korea Electronics)

Back Button 7805 Datasheet HTML 12Page - KEC(Korea Electronics) 7805 Datasheet HTML 13Page - KEC(Korea Electronics) 7805 Datasheet HTML 14Page - KEC(Korea Electronics) 7805 Datasheet HTML 15Page - KEC(Korea Electronics) 7805 Datasheet HTML 16Page - KEC(Korea Electronics) 7805 Datasheet HTML 17Page - KEC(Korea Electronics) 7805 Datasheet HTML 18Page - KEC(Korea Electronics) 7805 Datasheet HTML 19Page - KEC(Korea Electronics) 7805 Datasheet HTML 20Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
2010. 5. 19
20/20
KIA7805AP~KIA7824AP
Revision No : 1
0
D
V
- T
JUNCTION TEMPERATURE T ( C)
1
2
3
050
100
150
j
j
I
=1A
200mA
0
OUT
V =2% OF OUTPUT
VOLTAGE
O
0.1
0.05
100k
10k
1k
100
FREQUENCY f (Hz)
0.03
0.3
0.5
V
=10V
I
=200mA
IN
OUT
OUT
Z
- f
Fig. 8
Fig. 9
-30
AMBIENT TEMPERATURE Ta ( C)
0
THERMAL RESISTANCE
J-C
4
J-A
69
10
5
20
15
30
25
40
35
0
25
50
75
100
125
150
C/W
PD - Ta
Fig. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com