Electronic Components Datasheet Search
  English  ▼

X  

AN4243 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 11Page - STMicroelectronics AN4243 Datasheet HTML 12Page - STMicroelectronics AN4243 Datasheet HTML 13Page - STMicroelectronics AN4243 Datasheet HTML 14Page - STMicroelectronics AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics AN4243 Datasheet HTML 17Page - STMicroelectronics AN4243 Datasheet HTML 18Page - STMicroelectronics AN4243 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AN4243
Designing an application with the L6230
Doc ID 024199 Rev 1
15/29
Figure 11.
Pin DIAG/EN open collector driving
Figure 12.
Pin DIAG/EN push-pull driving
2.10
Overcurrent protection
To implement an overcurrent protection, a dedicated overcurrent detection (OCD) circuitry
(see Figure 13 for a simplified schematic) senses the current in each high-side. Power
DMOS are actually made of thousands of individual identical cells, each carrying a fraction
of the total current flowing. The current sensing element, connected in parallel to the power
DMOS, is made of only a few cells, having a 1:N ratio compared to the power DMOS. The
total drain current is split between the output and the sense element according to the cell
ratio. Sensed current is, then, a small fraction of the output current and does not contribute
significantly to power dissipation.
5V
5V
OPEN
COLLECTOR
OUTPUT
REN
CEN
DIAG-EN
ESD
PROTECTION
AM16573v1
5V
PUSH-PULL
OUTPUT
REN
CEN
DIAG-EN
ESD
PROTECTION
AM16574v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com