Electronic Components Datasheet Search
  English  ▼

X  

AN4243 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics AN4243 Datasheet HTML 23Page - STMicroelectronics AN4243 Datasheet HTML 24Page - STMicroelectronics AN4243 Datasheet HTML 25Page - STMicroelectronics AN4243 Datasheet HTML 26Page - STMicroelectronics AN4243 Datasheet HTML 27Page - STMicroelectronics AN4243 Datasheet HTML 28Page - STMicroelectronics AN4243 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Demonstration boards
AN4243
26/29
Doc ID 024199 Rev 1
4.2
STEVAL-IFN003V1:PMSM FOC motor driver based on the
L6230 and STM32F103
The STEVAL-IFN003V1 demonstration board is based on the DMOS fully integrated three-
phase motor driver L6230 and STMicroelectronics' ARM™ Cortex-M3 core-based
STM32F103 microcontroller implementing field-oriented control of a PMSM motor.
The board is designed as an evaluation environment for motor control applications in the
range of 8 V - 48 V of DC bus voltage and up to 45 W, exploiting the computational power of
the STM32F103.
The L6230 DMOS driver features 2.8 A output peak current, non-dissipative overcurrent
detection/protection, cross-conduction protection, uncommitted comparator, thermal
shutdown and undervoltage lockout.
The STEVAL-IFN003V1 is provided with a specific USB interface for the real-time data
exchange.
Offering dedicated hardware evaluation features, the STEVAL-IFN003V1 board is designed
to allow developers to evaluate the device and develop their own applications. The STEVAL-
IFN003V1 can be used together with the STM32 PMSM single/dual FOC SDK v3.0 and
constitutes a complete motor control evaluation and development platform.
For more details on the STEVAL-IFN003V1 refer to the user manual UM1478.
Figure 23.
STEVAL-IFN003V1 board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com