Electronic Components Datasheet Search
  English  ▼

X  

AN4355 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 3Page - STMicroelectronics AN4355 Datasheet HTML 4Page - STMicroelectronics AN4355 Datasheet HTML 5Page - STMicroelectronics AN4355 Datasheet HTML 6Page - STMicroelectronics AN4355 Datasheet HTML 7Page - STMicroelectronics AN4355 Datasheet HTML 8Page - STMicroelectronics AN4355 Datasheet HTML 9Page - STMicroelectronics AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID025240 Rev 2
7/25
AN4355
Motion engine control
25
2.1
Speed tracking commands
During the speed tracking, the device dynamically changes the motor speed according to
the application requirements. The Run command can be used to achieve this result.
The Run command sets the speed target and direction which the motor has to reach. Both
speed target and direction can be changed in real time through a new Run command (see
Figure 3).
Figure 3. Speed tracking using Run command sequences
SoftStop
1
Stopping the motor in accordance to the
programmed speed profile.
Always accepted and immediately
executed (if present, the previous
command is aborted)
HardStop
1
Stopping the motor immediately (infinite
deceleration).
Always accepted and immediately
executed (if present, the previous
command is aborted)
SoftHiZ
1
Stopping the motor in accordance to the
programmed speed profile and then disabling
the power bridges.
Always accepted and immediately
executed (if present, the previous
command is aborted)
HardHiz
1
Disabling the power bridges immediately.
Always accepted and immediately
executed (if present, the previous
command is aborted)
Table 1. Command list (continued)
Name
Length
(bytes)
Description
Notes
Speed
100
100
200
200
300
300
400
400
500
Time
Run(forward, 100)
Run(forward, 600)
Run(forward, 400)
Run(reverse, 300)
AM16589v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com