Electronic Components Datasheet Search
  English  ▼

X  

AN4355 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics AN4355 Datasheet HTML 14Page - STMicroelectronics AN4355 Datasheet HTML 15Page - STMicroelectronics AN4355 Datasheet HTML 16Page - STMicroelectronics AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID025240 Rev 2
15/25
AN4355
Gate driving circuitry
25
Both the high-side and low-side gate drivers are programmable current generators which
allow to charge and discharge the MOSFETs gate with a constant current. The gate drivers
also integrate a Miller clamp MOSFET which avoids induced turn-on effect.
The low-side gate driver is supplied by the VCC pin which can be connected both to an
external voltage source and to the integrated linear regulator which generates the supply
voltage (7.5 V or 15 V according to the configuration) from the VSREG supply pin.
The high-side gate driver is supplied by charge pump circuitry. This way the on time of the
high-side MOSFET is not limited as in the case of a bootstrap capacitor. A clamping diode
limits the gate-source voltage of the high-side MOSFET to 17 V avoiding the breaking of the
gate in case of the power stage output is short-circuited to ground. In fact in this case, if the
voltage limiter was not present, the final gate-source voltage of the high-side MOSFET was
equal to VBOOT (see Figure 11).
Figure 11. high-side gate driver operation when output is shorted to ground
Warning:
The clamping diode protects the MOSFET from the Vgs
breakdown, but not by the high current which can be
generated by the short-circuit condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com