Electronic Components Datasheet Search
  English  ▼

X  

AN4508 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4508
Description  Parameters and calibration of a low-g 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4508 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4508 Datasheet HTML 3Page - STMicroelectronics AN4508 Datasheet HTML 4Page - STMicroelectronics AN4508 Datasheet HTML 5Page - STMicroelectronics AN4508 Datasheet HTML 6Page - STMicroelectronics AN4508 Datasheet HTML 7Page - STMicroelectronics AN4508 Datasheet HTML 8Page - STMicroelectronics AN4508 Datasheet HTML 9Page - STMicroelectronics AN4508 Datasheet HTML 10Page - STMicroelectronics AN4508 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID026444 Rev 1
7/13
AN4508
Terminology
13
Table 1. Sign definition of sensor raw measurements
Stationary position
Accelerometer (signed integer)
Ax
Ay
Az
Zb down
0
0
+1 g
Zb up
0
0
-1 g
Yb down
0
+1 g
0
Yb up
0
-1 g
0
Xb down
+1 g
00
Xb up
-1 g
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com