Electronic Components Datasheet Search
  English  ▼

X  

AN4508 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4508
Description  Parameters and calibration of a low-g 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4508 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4508 Datasheet HTML 1Page - STMicroelectronics AN4508 Datasheet HTML 2Page - STMicroelectronics AN4508 Datasheet HTML 3Page - STMicroelectronics AN4508 Datasheet HTML 4Page - STMicroelectronics AN4508 Datasheet HTML 5Page - STMicroelectronics AN4508 Datasheet HTML 6Page - STMicroelectronics AN4508 Datasheet HTML 7Page - STMicroelectronics AN4508 Datasheet HTML 8Page - STMicroelectronics AN4508 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Terminology
AN4508
4/13
DocID026444 Rev 1
1
Terminology
1.1
Accelerometer datasheet
The first step is to examine the accelerometer specifications and understand the meaning of
each parameter.
Understanding the parameters
Vdd - Power supply: This parameter defines the accelerometer operating DC power
supply. Correct operation of the accelerometer using a power supply voltage outside of
this range is not guaranteed. The parameters are provided by the accelerometer
manufacturer under Vdd = +2.5 V at a room temperature of T = 25 °C. It is
recommended to keep Vdd clean, with minimum ripple. One possible way to do this is
to use an ultra-low-noise low-dropout regulator to power the accelerometer.
Idd - Current consumption in normal mode: lower ODR corresponds to lower current
consumption.
ODR - Output data rate in normal mode: This parameter shows the possible output
data rates in normal mode from which the user may select.
BW - System bandwidth: This parameter defines the bandwidth of the system. When
ODR = 100 Hz, BW is typically 50 Hz with a built-in low pass filter. The system
recognizes any motion below 50 Hz. If the system has dynamic motion higher than
50 Hz, then the ODR needs to be increased to a higher setting in order to cover all
useful system signals.
Ton - Turn-on time: This parameter defines the time required before the accelerometer
is ready to output measured acceleration data after exiting power-down mode.
Top - operating temperature range: This parameter defines the operating temperature
range. When the device is operated inside the specified range, proper behavior of the
sensor is guaranteed.
FS - Full-scale measurement range: For tilt sensing applications, a ±2.0 g range is
sufficient because the Earth’s gravity is ±1 g only. If the application requires
measurement of higher g acceleration, the user can set the device to a higher full-scale
range which results in lower sensitivity.
So - Sensitivity: This parameter defines the value of 1 LSB with respect to mg in the
digital representation.
TCSo - Sensitivity change vs. temperature: This parameter defines how sensitivity
changes with temperature. For example, at a ±2.0 g full-scale range, the sensitivity
changes within ±0.01%/°C. Therefore, if the environmental temperature changes
40 °C, from 25 °C to 65 °C, then the sensitivity changes within the range of ±0.01% * 40
= ±0.4%, which means the sensitivity change over 40 °C is within 0.996 mg/LSB and
1.004 mg/LSB, which shows that the sensitivity is very stable versus temperature
change. Thus, temperature compensation for sensitivity can be ignored.
TyOff - Typical zero-g level offset accuracy: This parameter defines the zero-g
accuracy at room temperature of 25 °C. For example, at a ±2.0 g full-scale range, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com