Electronic Components Datasheet Search
  English  ▼

X  

NPT1007 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1007
Description  200W RF Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1007 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPT1007_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NPT1007
NDS-012 Rev. 3, April 2013
NPT1007
Page 2
Absolute Maximum Ratings: Not Simultaneous, Per Transistor, TA = 25°C Unless Otherwise Noted
Symbol
Parameter
Min
Typ
Max
Units
Off Characteristics
VBDS
Drain-Source Breakdown Voltage
(VGS = -8V, ID = 36mA)
100
-
-
V
IDLK
Drain-Source Leakage Current
(VGS = -8V, VDS = 60V)
-
9
18
mA
On Characteristics
VT
Gate Threshold Voltage
(VDS = 28V, ID = 36mA)
-2.3
-1.8
-1.3
V
VGSQ
Gate Quiescent Voltage
(VDS = 28V, ID = 700mA)
-2.0
-1.5
-1.0
V
RON
On Resistance
(VGS = 2V, ID = 270mA)
-
0.13
0.14
W
ID,MAX
Drain Current
(VDS = 7V pulsed, 300ms pulse width,
0.2% duty cycle)
19.0
20.5
-
A
Symbol
Parameter
Max
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
-10 to 3
V
IG
Gate Current
180
mA
PT
Total Device Power Dissipation (Derated above 25°C), both transistors on
175
W
qJC
Thermal Resistance (Junction-to-Case),
composite for both transistors on, TJ = 180°C
1.0
°C/W
Thermal Resistance (Junction-to-Case),
one transistor on, one off, TJ = 180°C
1.8
TSTG
Storage Temperature Range
-65 to 150
°C
TJ
Operating Junction Temperature
200
°C
HBM
Human Body Model ESD Rating (per JESD22-A114)
1C (>1000V)
MM
Machine Model ESD Rating (per JESD22-A115)
A (>100V)
CDM
Charge Device Model ESD Rating (per JESD22-C101)
IV (>4000V)
DC Specifications: Per Transistor, TA = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com