Electronic Components Datasheet Search
  English  ▼

X  

NPT1007 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1007
Description  200W RF Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1007 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT1007_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1007_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NPT1007
NDS-012 Rev. 3, April 2013
NPT1007
Page 3
Table 1: Optimum Source and Load Impedances for CW Gain, Drain Efficiency, and Output Power Performance
Frequency
(MHz)
ZS (W)
ZL (W)
PSAT
(dBm)
GSS (dB) Drain Efficiency
@ PSAT (%)
500
1.4 + j0.1
2.0 + j0.5
50.0
24.0
70%
900
1.6 - j1.5
2.3 - j1.5
50.0
18.5
74%
1200
1.8 - j2.7
3.5 - j2.8
49.5
16.5
62%
Figure 1 - Optimum Impedances for
CW Performance
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=700mA, One Single-Ended Transistor, TA=25°C Unless Otherwise Noted
Figure 2 - Load-Pull Contours, 500MHz,
PIN = 25dBm, ZS = 1.4 + j0.1 W
Figure 3 - Load-Pull Contours, 900MHz,
PIN = 30dBm, ZS = 1.6 - j1.5 W
Figure 4 - Load-Pull Contours, 1200MHz,
PIN = 32dBm, ZS = 1.8 - j2.7 W
49.5dBm
73%
49.5dBm
67%
48.5dBm
61%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com