Electronic Components Datasheet Search
  English  ▼

X  

NPT1007 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1007
Description  200W RF Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1007 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPT1007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1007 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NPT1007
NDS-012 Rev. 3, April 2013
NPT1007
Page 4
Load-Pull Data per Device Lead, Reference Plane at Device Leads
VDS=28V, IDQ=700mA, One Single-Ended Transistor, TA=25°C unless otherwise noted.
Figure 5 - Typical CW Performance,
over Frequency
Figure 6 - Typical CW Performance
over Frequency
Figure 7 - Typical Pulsed Performance,
Frequency = 900MHz, Duty Cycle = 10%
Figure 8 - Typical CW Performance at VDS = 20V
Frequency = 900MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com