Electronic Components Datasheet Search
  English  ▼

X  

PC311 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PC311
Description  PRECISION VOLTAGE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC311 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PC311_15 Datasheet HTML 3Page - Renesas Technology Corp PC311_15 Datasheet HTML 4Page - Renesas Technology Corp PC311_15 Datasheet HTML 5Page - Renesas Technology Corp PC311_15 Datasheet HTML 6Page - Renesas Technology Corp PC311_15 Datasheet HTML 7Page - Renesas Technology Corp PC311_15 Datasheet HTML 8Page - Renesas Technology Corp PC311_15 Datasheet HTML 9Page - Renesas Technology Corp PC311_15 Datasheet HTML 10Page - Renesas Technology Corp PC311_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet G15945EJ4V0DS
5
µPC311
0
1
0
100
−20
10
−10
0
2
3
4
5
0.2
0.4
0.6
t - Time - s
RESPONSE TIME FOR VARIOUS INPUT
OVEERDRIVES
−1.0
10
20
0
30
40
50
60
−0.5
0
0.5
VID - Differential Input Voltage - mV
TRANSFERFUNCTION
1.0
EMITTER
FOLLOWER
OUTPUT
RL = 600
Ω
NORMAL OUTPUT
RL = 1 k
Ω
0
1
0
0
20
10
2
3
4
5
0.2
0.4
0.6
+5 V
V =
±15 V
VO
500
Ω
VI
+
−
0
−5
−10
−15
0
5
10
15
12
3
4
20 mV
2 mV
5 mV
20 mV
2 mV
5 mV
20 mV
2 mV
5 mV
0
−10
−10
−100
0
20
10
−10
−100
−15
−10
−20
100
10
0
−5
0
5
10
15
12
34
10
0.4
0.3
0.1
0.2
0
0.5
0.6
0.7
0.8
20
30
40
50
IO - Output Current - mA
OUTPUT SATURATION VOLTAGE
20 mV
2 mV
5 mV
V+
V =
±15 V
V−
2 k
Ω
VO
VI
+
−
V+
V =
±15 V
V −
2 k
Ω
VO
VI
+
−
RESPONSE TIME FOR VARIOUS INPUT
OVEERDRIVES
t - Time - s
µ
µ
t - Time - s
µ
V = 40 V
+
VCC = 30 V
RESPONSE TIME FOR VARIOUS INPUT
OVEERDRIVES
RESPONSE TIME FOR VARIOUS INPUT
OVEERDRIVES
t - Time - s
µ
±
±
+5 V
V=
±15 V
VO
500
Ω
VI
+
−
±
±
Overdrive = 2 mV
Overdrive = 20 mV
Overdrive = 20 mV
5 mV
20 mV
Overdrive = 2 mV
20 mV
5 mV
5 mV
2 mV
5 mV
2 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com