Electronic Components Datasheet Search
  English  ▼

X  

PC311 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PC311
Description  PRECISION VOLTAGE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC311 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PC311_15 Datasheet HTML 4Page - Renesas Technology Corp PC311_15 Datasheet HTML 5Page - Renesas Technology Corp PC311_15 Datasheet HTML 6Page - Renesas Technology Corp PC311_15 Datasheet HTML 7Page - Renesas Technology Corp PC311_15 Datasheet HTML 8Page - Renesas Technology Corp PC311_15 Datasheet HTML 9Page - Renesas Technology Corp PC311_15 Datasheet HTML 10Page - Renesas Technology Corp PC311_15 Datasheet HTML 11Page - Renesas Technology Corp PC311_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet G15945EJ4V0DS
6
µPC311
60
40
20
0
80
100
120
140
510
15
VO - Output Voltage - V
OUTPUT LIMITING CHARACTERISTICS
0
3
1
2
4
5
6
510
15
V - Supply Voltage- V
SUPPLY CURRENT
4
2
0
6
8
10
30
40
10
20
50
60
70
80
TA - Operating Ambient Temperature - C
SUPPLY CURRENT
25
35
10−8
10−9
10−10
10−11
45
55
65
75
TA - Operating Ambient Temperature - C
LEAKAGE CURRENTS
OUTPUT
VO = 40 V
INPUT
VI = 15 V
V
=
±15 V
V = ±15 V
SHORT CIRCUIT
CURRENT
POSITIVE AND
NEGATIVE SUPPLY
OUTPUT HIGH
POWER
CONSUMPTION
POSITIVE SUPPLY
OUTPUT LOW
POSITIVE SUPPLY
OUTPUT LOW
POSITIVE
SUPPLY
OUTPUT
LOW
POSITIVE
AND
NEGATIVE
SUPPLY
OUTPUT
HIGH
+
20
25
30
±
±
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com