Electronic Components Datasheet Search
  English  ▼

X  

LT1252 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1252
Description  Low Cost Video Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1252 Datasheet(HTML) 1 Page - Linear Technology

  LT1252 Datasheet HTML 1Page - Linear Technology LT1252 Datasheet HTML 2Page - Linear Technology LT1252 Datasheet HTML 3Page - Linear Technology LT1252 Datasheet HTML 4Page - Linear Technology LT1252 Datasheet HTML 5Page - Linear Technology LT1252 Datasheet HTML 6Page - Linear Technology LT1252 Datasheet HTML 7Page - Linear Technology LT1252 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1252
1
Low Cost
Video Amplifier
S
FEATURE
DESCRIPTIO
s
RGB Cable Drivers
s
Composite Video Cable Drivers
s
Gain Blocks in IF Stages
S
APPLICATI
APPLICATI
TYPICAL
Transient Response
LT1252 • TA02
VIN
VOUT
RG
620
Ω
RF
620
Ω
75
Ω
75
Ω
CABLE
75
Ω
+
–
LT1252
LT1252 • TA01
AV = 1 +
RF
RG
AT AMPLIFIER OUTPUT.
6dB LESS AT VOUT.
BW = 100MHz
5V
–5V
VS = ±5V
AV = 2
RL = 150Ω
VO = 1V
s
Low Cost
s
Current Feedback Amplifier
s
Differential Gain: 0.01%, RL = 150Ω, VS = ±5V
s
Differential Phase: 0.09
°, RL = 150Ω, VS = ±5V
s
Flat to 30MHz, 0.1dB
s
100MHz Bandwidth on
±5V
s
Wide Supply Range:
±2V(4V) to ±14V(28V)
s
Low Power: 85mW at
±5V
The LT1252 is a low cost current feedback amplifier for
video applications. The LT1252 is ideal for driving low
impedance loads such as cables and filters. The wide
bandwidth and high slew rate of this amplifier make
driving RGB signals between PCs and workstations easy.
The linearity of the LT1252 is outstanding; it is unsur-
passed for driving composite video.
The LT1252 is available in the 8-pin DIP and the S8 surface
mount package. For higher performance and shutdown
operation, see the LT1227. For dual and quad amplifiers
with similar performance see the LT1253/LT1254.


Similar Part No. - LT1252

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1252 LINER-LT1252 Datasheet
221Kb / 8P
Low Cost Video Amplifier
LT1252CN8 LINER-LT1252CN8 Datasheet
221Kb / 8P
Low Cost Video Amplifier
LT1252CS8 LINER-LT1252CS8 Datasheet
221Kb / 8P
Low Cost Video Amplifier
More results

Similar Description - LT1252

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
ADV601 AD-ADV601 Datasheet
606Kb / 52P
Low Cost Multiformat Video Codec
REV.0
logo
Linear Technology
LT1252 LINER-LT1252 Datasheet
221Kb / 8P
Low Cost Video Amplifier
logo
Analog Devices
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
logo
KR Electronics, Inc.
2532 KR-2532 Datasheet
48Kb / 2P
Low cost video filter
logo
Analog Devices
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
ADV601JS12 AD-ADV601JS12 Datasheet
440Kb / 52P
Low Cost Multiformat Video Codec
REV. 0
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com