Electronic Components Datasheet Search
  English  ▼

X  

LT1252 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1252
Description  Low Cost Video Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1252 Datasheet(HTML) 3 Page - Linear Technology

  LT1252 Datasheet HTML 1Page - Linear Technology LT1252 Datasheet HTML 2Page - Linear Technology LT1252 Datasheet HTML 3Page - Linear Technology LT1252 Datasheet HTML 4Page - Linear Technology LT1252 Datasheet HTML 5Page - Linear Technology LT1252 Datasheet HTML 6Page - Linear Technology LT1252 Datasheet HTML 7Page - Linear Technology LT1252 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1252
3
SMALL SIGNAL
SMALL SIGNAL
SMALL SIGNAL
VS
AV
RL
RF
RG
– 3dB BW (MHz)
– 0.1dB BW (MHz)
PEAKING (dB)
±12
1
150
2370
None
282
45
1.9
±12
– 1
1000
1100
1100
58
17
0.1
±12
– 1
150
909
909
73
34
0.1
±12
2
1000
1210
1210
253
20
0.1
±12
2
150
909
909
142
38
0.1
±12
5
1000
1000
249
73
25
0.1
±12
5
150
866
215
75
31
0.1
±12
10
1000
909
100
67
26
0.1
±12
10
150
768
84.5
69
32
0.1
±5
1
1000
2210
None
260
10
2.4
±5
1
150
1300
None
232
50
0.8
±5
– 1
1000
1000
1000
50
11
0.1
±5
– 1
150
732
732
69
34
0.1
±5
2
1000
909
909
133
24
0.1
±5
2
150
787
787
100
30
0.1
±5
5
1000
825
205
62
21
0.1
±5
5
150
698
174
66
30
0.1
±5
10
1000
750
82.5
58
22
0.1
±5
10
150
619
68.1
60
30
0.1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr
Small-Signal Rise Time
VS = ±12V, AV = 2
3.5
ns
Rise and Fall Time
VS = ±5V, AV = 2, VOUT = 1VP-P
5.2
ns
tp
Propagation Delay
VS = ±5V, AV = 2
3.5
ns
Note 1: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1252CN8: TJ = TA + (PD × 100°C/W)
LT1252CS8: TJ = TA + (PD × 150°C/W)
TYPICAL AC PERFOR A CE
BANDWIDTH
ELECTRICAL CHARACTERISTICS 0°C ≤ T
A ≤ 70°C, VS = ± 5V to ± 12V, unless otherwise noted.
DIFFERENTIAL
DIFFERENTIAL
VS
AV
RL
RF
RG
GAIN
PHASE
±12
2
1000
1000
1000
0.02%
0.02
°
±12
2
150
1000
1000
0.03%
0.04
°
±5
2
1000
1000
1000
0.02%
0.08
°
±5
2
150
1000
1000
0.01%
0.09
°
NTSC VIDEO (Note 1)
Note 1: Differential Gain and Phase are measured using a Tektronix TSG
120 YC/NTSC signal generator and a Tektronix 1780R Video Measurement
Set. The resolution of this equipment is 0.1% and 0.1
°. Ten identical
amplifier stages were cascaded giving an effective resolution of 0.01% and
0.01
°.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com