Electronic Components Datasheet Search
  English  ▼

X  

LT1271 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1271
Description  4A High Efficiency Switching Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1271 Datasheet(HTML) 1 Page - Linear Technology

  LT1271 Datasheet HTML 1Page - Linear Technology LT1271 Datasheet HTML 2Page - Linear Technology LT1271 Datasheet HTML 3Page - Linear Technology LT1271 Datasheet HTML 4Page - Linear Technology LT1271 Datasheet HTML 5Page - Linear Technology LT1271 Datasheet HTML 6Page - Linear Technology LT1271 Datasheet HTML 7Page - Linear Technology LT1271 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1271/LT1269
4A High Efficiency
Switching Regulators
TYPICAL APPLICATION
DESCRIPTIO
S
FEATURE
s
Wide Input Voltage Range 3.5V to 30V
s
Low Quiescent Current: 7mA
s
Internal 4A Switch
s
Very Few External Parts Required
s
Self Protected Against Overloads
s
Shutdown Mode Draws Only 100
µA Supply Current
s
Flyback Regulated Mode Has Fully Floating Outputs
s
Comes in Standard 5-Pin Package
s
Can Be Externally Synchronized (See LT1072 Data Sheet)
S
APPLICATI
s
Boost Converter
s
High Efficiency Buck Converter
s
PC Power Supply with Multiple Outputs
s
Battery Up-Converter
s
Negative-to-Positive Converter
USER NOTE:
This data sheet is only intended to provide specifications, graphs, and a general functional
description of the LT1271/LT1269. Application circuits are included to show the capability of the
LT1271/LT1269. A complete design manual (AN-19) should be obtained to assist in developing new
designs. This manual contains a comprehensive discussion of both the LT1070 and the external
components used with it, as well as complete formulas for calculating the values of these
components. The manual can also be used for the LT1271/LT1269 by factoring in the higher switch
current rating and higher operating frequency.
The LT
®1271 and LT1269 are monolithic high power
switching regulators. Identical to the popular LT1070,
except for switching frequency (LT1271 = 60kHz, LT1269
= 100kHz) and slightly lower switch current, they can be
operated in all standard switching configurations includ-
ing buck, boost, flyback and inverting. A high current, high
efficiency switch is included on the die along with all
oscillator, control and protection circuitry. Integration of
all functions allows the LT1271/LT1269 to be built in a
standard TO-220 power package. This makes them ex-
tremely easy to use and provides “bust proof” operation
similar to that obtained with 3-pin linear regulators.
The LT1271/LT1269 operate with supply voltages from
3.5V to 30V, and draw only 7mA quiescent current. By
utilizing current mode switching techniques, they pro-
vides excellent AC and DC load and line regulation.
A patented adaptive antisat switch drive allows very wide
ranging load currents with no loss in efficiency. An exter-
nally activated shutdown mode reduces total supply cur-
rent to 100
µA typical for standby operation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
INPUT VOLTAGE (V)
0
0
10
20
30
5
10
15
20
1271/69 TA02
25
40
50
30
BOOST
BUCK-BOOST
VO = 5V
(INVERTING)
FLYBACK
†
BUCK-BOOST
VO = 12V
(INVERTING)
BUCK MODE OUTPUT POWER
≈ (3.5A)(VOUT)
TRANSFORMER TURNS RATIO MUST BE
OPTIMUM TO ACHIEVE FULL POWER.
†
Maximum Output Power
VSW
FB
GND
VIN
VC
LT1271
C1
200
µF
35V
0.02
µF
0.1
µF
680
Ω
0.03
µF 4.7µF
TANT
1N4148
L1
25
µH
TO 50
µH
0.015
Ω
390
µF
16V
VOUT
5V, 3A
< 0.3V = NORMAL RUN MODE
> 2.5V = SHUTDOWN
OPEN = BURST MODE OPERATION
VIN
6.5V TO 25V
127/691 TA01
VC
VIN
MODE
VOUT
VLIM
V+
LT1432
GND
DIODE
MBR
330pF
EFFICIENCY
≈ 90%
AT IOUT = 0.4A TO 1.5A
+
+
+
High Efficiency 5V Regulator with Burst Mode
TM Operation


Similar Part No. - LT1271

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1271 LINER-LT1271 Datasheet
212Kb / 8P
4A High Efficiency Switching Regulators
LT1271CQ LINER-LT1271CQ Datasheet
212Kb / 8P
4A High Efficiency Switching Regulators
LT1271CT LINER-LT1271CT Datasheet
212Kb / 8P
4A High Efficiency Switching Regulators
More results

Similar Description - LT1271

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1271 LINER-LT1271 Datasheet
212Kb / 8P
4A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1269 LINER-LT1269_15 Datasheet
203Kb / 8P
4A High Efficiency Switching Regulators
LT1270 LINER-LT1270_15 Datasheet
136Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A_15 Datasheet
136Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com