Electronic Components Datasheet Search
  English  ▼

X  

LT1271 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1271
Description  4A High Efficiency Switching Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1271 Datasheet(HTML) 5 Page - Linear Technology

  LT1271 Datasheet HTML 1Page - Linear Technology LT1271 Datasheet HTML 2Page - Linear Technology LT1271 Datasheet HTML 3Page - Linear Technology LT1271 Datasheet HTML 4Page - Linear Technology LT1271 Datasheet HTML 5Page - Linear Technology LT1271 Datasheet HTML 6Page - Linear Technology LT1271 Datasheet HTML 7Page - Linear Technology LT1271 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1271/LT1269
S
APPLICATI
TYPICAL
Boost Converter (5V to 12V)
1
µF
100
µH*
MBR330
10.7k
1271/69 TA03
5V
12V
0.5A
LT1271
VSW
FB
GND
VIN
VC
1.24k
100
µF
25V
1k
* COILTRONICS CTX100-2-52
+
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
Q Package
5-Lead Plastic DD Pak
(LTC DWG # 05-08-1461)
Q(DD5) 0396
0.028 – 0.038
(0.711 – 0.965)
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.057 – 0.077
(1.447 – 1.955)
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050
± 0.012
(1.270
± 0.305)
0.059
(1.499)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.330 – 0.370
(8.382 – 9.398)
0.060
(1.524)
TYP
0.390 – 0.415
(9.906 – 10.541)
15
° TYP
0.300
(7.620)
0.075
(1.905)
0.183
(4.648)
0.060
(1.524)
0.060
(1.524)
0.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com