Electronic Components Datasheet Search
  English  ▼

X  

LT1413 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1413
Description  Single Supply, Dual Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1413 Datasheet(HTML) 1 Page - Linear Technology

  LT1413 Datasheet HTML 1Page - Linear Technology LT1413 Datasheet HTML 2Page - Linear Technology LT1413 Datasheet HTML 3Page - Linear Technology LT1413 Datasheet HTML 4Page - Linear Technology LT1413 Datasheet HTML 5Page - Linear Technology LT1413 Datasheet HTML 6Page - Linear Technology LT1413 Datasheet HTML 7Page - Linear Technology LT1413 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1413
S
FEATURE
Single Supply Operation:
s
Input Goes Below Ground
s
Output Swings to Ground Sinking Current
s
No Pull-Down Resistors Needed
s
Phase Reversal Protection
At 5V, 0V Low Cost Grade Specifications:
s
280
µV Max Offset Voltage
s
380
µV Max in S8 Package
s
0.8nA Max Offset Current
s
480
µA Max Supply Current per Amplifier
s
0.5
µV/°C Drift
s
1.4 Million Voltage Gain
s
950kHz Gain-Bandwidth Product
s
0.55
µVP-P, 0.1Hz to 10Hz Noise
The LT1413 is a low cost, upgraded version of Linear
Technology’s industry standard LT1013 dual, single sup-
ply op amp. The LT1413 is optimized for single 5V appli-
cations, although
±15V specifications are also provided
for completeness.
In the design of the LT1413, particular emphasis has been
placed on low cost plastic and SO-8 package performance:
60
µV offset voltage, 0.1nA offset current, in excess of
10mA output current at 330
µA supply current and 140dB
channel separation are some of the specifications achieved.
Other dual, single supply amplifiers are available to
complement the LT1413 family: the micropower LT1078’s
supply current is 10 times lower with a 4.5 fold speed
performance degradation compared to the LT1413. Con-
versely, the LT1211, LT1213 and LT1215 duals have 4 to
14 times higher supply current, but also 13 to 50 times
higher speed.
Protected by U.S. Patent 4,775,884.
DESCRIPTIO
Single Supply, Dual
Precision Op Amp
S
APPLICATI
s
Single Supply Systems
s
Two and Three Op Amp Instrumentation Amplifiers
s
Active Filters
s
Battery-Powered Systems
s
Strain Gauge and Bridge Amplifiers
+90V, –3V Common-Mode Range
Difference Amplifier (AV = 1)
Distribution of Input Offset Voltage
(In Plastic DIP, N8 Package)
INPUT OFFSET VOLTAGE (
µV)
–300
0
5
10
15
20
30
–200
–100
0
100
LT1413 • TA01
200
300
25
VS = 5V, 0V
TA = 25°C
LT1413 • TA03
10M
–
+
–
+
10M
1M
10M
1M
1/2 LT1413
9V
10M
OUTPUT
20mV TO 8V
1
8
4
3
2
INPUT
1.5mV
125
µV)
11M
80kHz
OUTPUT OFFSET =
(INPUT REFERRED =
INPUT RESISTANCE =
BANDWIDTH =
(THE 0.1nA TYPICAL OFFSET CURRENT
PERMITS THE USE OF 1M
Ω RESISTORS)
APPLICATI
TYPICAL


Similar Part No. - LT1413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
LT1413ACN8 LINER-LT1413ACN8 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
LT1413CN8 LINER-LT1413CN8 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
LT1413S8 LINER-LT1413S8 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
More results

Similar Description - LT1413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com