Electronic Components Datasheet Search
  English  ▼

X  

LT1413 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1413
Description  Single Supply, Dual Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1413 Datasheet(HTML) 5 Page - Linear Technology

  LT1413 Datasheet HTML 1Page - Linear Technology LT1413 Datasheet HTML 2Page - Linear Technology LT1413 Datasheet HTML 3Page - Linear Technology LT1413 Datasheet HTML 4Page - Linear Technology LT1413 Datasheet HTML 5Page - Linear Technology LT1413 Datasheet HTML 6Page - Linear Technology LT1413 Datasheet HTML 7Page - Linear Technology LT1413 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1413
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
INPUT OFFSET VOLTAGE (
µV)
–400
0
5
10
15
20
–200
0
200
400
LT1413 • TA02
25
30
–300
–100
100
300
VS = 5V, 0V
TA = 25°C
Distribution of Input Offset Voltage
(In S8 Package)
TEMPERATURE (
°C)
350
400
25
100
LT1413 • TA04
300
0
–25
–50
50
75
VS = 5V, 0V
VS = ±15V
Supply Current vs Temperature
TEMPERATURE (
°C)
0.01
0.1
10
0
100
LT1413 • TA05
50
1
–25
25
75
–50
ISINK = 10mA
ISINK = 5mA
ISINK = 1mA
ISINK = 100µA
ISINK = 10µA
ISINK = 0
V + = 5V TO 30V
V – = 0V
Input Offset Current vs Temperature
TEMPERATURE (
°C)
–9
–11
40
100
LT1413 • TA07
–7
0
–20
–40
60
80
–10
–8
20
VS = ±15V
5V, 0V
0.1V
VS =
VCM =
Input Bias Current vs Temperature
Output Saturation vs Sink
Current vs Temperature
INPUT BIAS CURRENT (nA)
0
15
–10
–16
LT1413 • TA08
–15
–4
–2
0
–12 –14
10
–10
–6
–5
5
–8
2
5
–1
4
0
1
3
VS = 5V, 0V
TA = 25°C
VS = ±15V
Input Bias Current vs
Common-Mode Voltage
0.1Hz to 10Hz Noise
FREQUENCY (Hz)
1
10
30
1000
10
1k
LT1413 • TA10
100
300
100
TA = 25°C
VS = ±2V TO ±18V
CURRENT NOISE
VOLTAGE NOISE
1/f CORNER 2Hz
Noise Spectrum
Minimum Supply Voltage
POSITIVE SUPPLY VOLTAGE (V)
100
200
5
LT1413 • TA11
0
3
24
TA = –40°C
TA = 0°C
TA = 25°C
TA = 85°C
NONFUNCTIONAL
V – = 0V
TEMPERATURE (
°C)
150
250
40
100
LT1413 • TA06
50
0
–20
–40
60
80
200
100
0
20
VS = ±15V
5V, 0V
0.1V
VS =
VCM =
TIME (SECONDS)
10
LT1413 • TA09
4
2
06
8
TA = 25°C
VS = ±2V TO ±18V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com