Electronic Components Datasheet Search
  English  ▼

X  

LT1457 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1457
Description  Dual, Precision JFET Input Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1457 Datasheet(HTML) 1 Page - Linear Technology

  LT1457 Datasheet HTML 1Page - Linear Technology LT1457 Datasheet HTML 2Page - Linear Technology LT1457 Datasheet HTML 3Page - Linear Technology LT1457 Datasheet HTML 4Page - Linear Technology LT1457 Datasheet HTML 5Page - Linear Technology LT1457 Datasheet HTML 6Page - Linear Technology LT1457 Datasheet HTML 7Page - Linear Technology LT1457 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1457
s
Handles 10,000pF Capacitive Load
s
450
µV Max Offset Voltage
s
1200
µV Max Offset Voltage in S8 Package
s
50pA Bias Current at 70
°C
s
13nV/
√Hz Voltage Noise
s
4V/
µs Slew Rate
s
4
µV/°C Drift
s
130dB Channel Separation
The LT1457 is a dual, JFET input op amp optimized for
handling large capacitive loads in combination with preci-
sion performance.
Precision specifications include 220
µV offset voltage in
plastic and surface mount packages. At 70
°C input bias
current is 50pA, input offset current is 20pA. Channel
separation is 130dB.
Other dual JFET input op amps from Linear Technology
include the LT1057, which is three times faster than the
LT1457 but at the expense of significantly lower capacitive
load handling capability; and the LT1113 with 4.5nV/
√Hz
voltage noise.
Dual, Precision
JFET Input Op Amp
FEATURES
DESCRIPTION
VS = ±15V
TA = 25°C
AV = +1
CAPACITIVE LOAD (nF)
0
20
60
40
80
100
100
LT11457• TA01
0.1
1
10
Capacitive Load Handling
Input Offset Voltage Distribution
S8 Package
s
Sample-and-Hold (Drives Large Hold Capacitors)
s
A/D and D/A Converters
s
Photodiode Amplifiers
s
Voltage-to-Frequency Converters
APPLICATIONS
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (mV)
0
3
6
9
15
12
18
21
1.0
LT1457 • TA02
–1.0
–0.6
–0.2
0.6
0.2
–0.8
–0.4
0
0.8
0.4
VS = ±15V
TA = 25°C
400 DUALS
(800 OP AMPS)
TESTED FROM
3 RUNS


Similar Part No. - LT1457

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1457ACN8 LINER-LT1457ACN8 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1457CN8 LINER-LT1457CN8 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1457S8 LINER-LT1457S8 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
More results

Similar Description - LT1457

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057 LINER-LT1057 Datasheet
869Kb / 12P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
Dual JFET Input Precision High Speed Op Amp?
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amps
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
Dual Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com