Electronic Components Datasheet Search
  English  ▼

X  

LT1457 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1457
Description  Dual, Precision JFET Input Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1457 Datasheet(HTML) 4 Page - Linear Technology

  LT1457 Datasheet HTML 1Page - Linear Technology LT1457 Datasheet HTML 2Page - Linear Technology LT1457 Datasheet HTML 3Page - Linear Technology LT1457 Datasheet HTML 4Page - Linear Technology LT1457 Datasheet HTML 5Page - Linear Technology LT1457 Datasheet HTML 6Page - Linear Technology LT1457 Datasheet HTML 7Page - Linear Technology LT1457 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1457
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15V
VCM = 0V
WARMED UP
AMBIENT TEMPERATURE (
°C)
3
10
30
100
300
1000
100
LT1457 • TPC01
025
50
75
BIAS CURRENT
OFFSET CURRENT
Input Bias and Offset Current vs
Temperature
VS = ±15V
TA = 25°C
N8 PACKAGE
S8 PACKAGE
TIME AFTER POWER ON (MINUTES)
0
60
30
120
90
150
5
LT1457 • TPC03
01234
Warm-Up Drift
VS = ±15V
TA = 70°C
TA = 25°C
COMMON-MODE INPUT VOLTAGE (V)
–20
20
0
60
40
80
120
140
100
160
15
LT1457 • TPC02
–15
–10
–5
0
5
10
Input Bias Current Over
the Common-Mode Range
Input Offset Voltage Distribution
N8 Package
Long Term Drift of
Representative Units
Voltage Gain vs Temperature
VS = ±15V
VO = ±10V
RL = 2k
RL = 1k
TEMPERATURE (
°C)
10
100
30
1000
300
100
75
LT1457 • TPC05
–50
25
–25
50
0
VS = ±15V
TA = 25°C
TIME (MONTHS)
–50
–30
–10
10
30
50
5
–40
–20
0
20
40
LT1457 • TPC06
012
4
3
0.1Hz to 10Hz Noise
Voltage Noise vs Frequency
Channel Separation vs Frequency
FREQUENCY (Hz)
10
30
50
70
20
100
10k
LT1457 • TPC07
3
10
30
100
300
1k
3k
1/f CORNER = 28Hz
VS = ±15V
TA = 25°C
VS = ±15V
TA = 25°C
TIME (SECONDS)
10
LT1457 • TPC08
024
8
6
FREQUENCY (Hz)
60
100
80
140
120
160
1M
LT1457 • TPC09
1
10
100
1k
10k
100k
VS = ±15V
TA = 25°C
VIN = 20VP-P TO 5kHz
RL = 2k
LIMITED BY
THERMAL
INTERACTION AT
DC = 132dB
LIMITED BY PIN TO
PIN CAPACITANCE
RS = 10Ω
RS = 1k
INPUT OFFSET VOLTAGE (mV)
–0.8
12
15
18
0.8
LT1457 • TPC04
9
6
0
–0.4
0
0.4
3
24
21
–0.6
–0.2
0.2
0.6
VS = ±15V
TA = 25°C
900 DUALS
(1800 OP AMPS)
TESTED FROM 3
RUNS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com