Electronic Components Datasheet Search
  English  ▼

X  

1F6G Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # 1F6G
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1F6G Datasheet(HTML) 2 Page - Compact Technology Corp.

  1F6G Datasheet HTML 1Page - Compact Technology Corp. 1F6G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1F1G thru 1F7G
2 of 2
1F1G Thru 1F7G
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0.0
0.4
0.8
1.2
1.6
2.0
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
)
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60Hz
0.001
0.010
0.100
1.000
10.000
100.000
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25
125
0
5
10
15
20
0
1
10
100
REVERSE VOLTAGE (V)
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com