Electronic Components Datasheet Search
  English  ▼

X  

1F6G Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # 1F6G
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1F6G Datasheet(HTML) 1 Page - Compact Technology Corp.

  1F6G Datasheet HTML 1Page - Compact Technology Corp. 1F6G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Case at 9.5mm Lead Length.PCB Mounted JEDEC Registered Value.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
CJ
1F1G thru 1F7G
FAST RECOVERY RECTIFIERS
FEATURES
Fast switching for high efficiency
Low cost
Glass passivation junction
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : R-1 molded plastic
Polarity : Color band denotes cathode
Weight : 0.19 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
1F3G
200
140
200
1F1G
50
35
50
1F7G
1000
700
1000
1F2G
100
70
100
1F6G
800
560
800
1F5G
600
420
600
1F4G
400
280
400
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
1.0
25
1.3
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
67
C/W
Typical Junction
Capacitance (Note 2)
pF
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =100 C
@TJ =25 C
5.0
100
uA
uA
V
A
A
V
UNIT
V
V
R-1
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 1)
TRR
150
250
500
15
ns
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT -1.0 Amperes
All Dimensions in millimeter
Max.
Min.
R-1
Dim.
A
D
C
B
20.0
3.50
-
2.90
0.50
2.20
2.60
0.60
A
C
D
A
B
1 of 2
1F1G thru 1F7G


Similar Part No. - 1F6G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F6G PANJIT-1F6G Datasheet
389Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Rectron Semiconductor
1F6G RECTRON-1F6G Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
1F6G PANJIT-1F6G Datasheet
53Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1F6G DAESAN-1F6G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
GOOD-ARK Electronics
1F6G GOOD-ARK-1F6G Datasheet
158Kb / 2P
Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - 1F6G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com