Electronic Components Datasheet Search
  English  ▼

X  

AN2689 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics AN2689 Datasheet HTML 37Page - STMicroelectronics AN2689 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PCB layout recommendations
AN2689
34/42
Doc ID 14310 Rev 3
Figure 47.
Parasitic elements due to the wiring
Figure 47 shows there are two major parasitic elements:
●
Some parasitic inductance each side of the Transil
●
Some parasitic capacitance between lines
There is also some parasitic inductance brought by the lines themselves. These parasitic
elements cause inductive and capacitive coupling.
These parasitic couplings may induce over voltages or electromagnetic noise on adjacent
lines which have nothing to do with the protected lines.
The parasitic inductance is directly due to the PCB routing. The wiring tracks to the
protection device may drastically affect the efficiency of the protection device.
Consider a 35 µm copper track, 0.3 mm wide (W), spaced at 0.5 mm (h) from a ground
plane (see Figure 48). This gives the ratio h/W of 1.7. Figure 49 (AEMC source) shows, for
an h/W ratio of 1.7, a parasitic inductance of 5 nH/cm.
Figure 48.
Double sided PCB structure - single track
Figure 49.
Inductance variation versus PCB thickness for single copper track
(AEMC source)
Module to protect
Vnom
Vmax
Transil
Vs
I
V=V1+Vcl+V2
V1
Vcl
V2
Parasitic elements
εr=4.5
w
h
L (µH/m) versus h/W
0.1
1
0.1
1
10
h/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com