Electronic Components Datasheet Search
  English  ▼

X  

AN2689 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics AN2689 Datasheet HTML 37Page - STMicroelectronics AN2689 Datasheet HTML 38Page - STMicroelectronics AN2689 Datasheet HTML 39Page - STMicroelectronics AN2689 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PCB layout recommendations
AN2689
36/42
Doc ID 14310 Rev 3
Then
Therefore, for L1, the over voltage is
and for L2 the over voltage is
That means the total over voltage seen by the module would be something close to Vcl +
100 V! This shows that whatever the protection device, if the routing is not optimized there
will be a big impact of the track inductance to the protection device on the remaining voltage
in case of fast transient discharge. Figure 53. illustrates the recommended Transil wiring to
prevent this phenomenon.
Figure 53.
Recommended Transil wiring
The equivalent schematic diagram for the recommended wiring layout is shown in Figure 54.
Figure 54.
Details of the remaining voltage at the module to protect
In this layout the remaining voltage at the module to protect is:,
So, in the worst case (when L3 = L4 = 0), V is equal to VCL.
1
9
9
10
5
.
12
10
5
.
12
-
-
*
*
⇒
=s
A
dt
di
V
dt
di
L5
.
62
1
≈
V
dt
di
L5
.
37
2
≈
Module to protect
Vnom
Vmax
Transil in
SMA package
L1di/dt
+25kV ESD ISO10605
L2di/dt
Vcl
Module to protect
Vnom
Vmax
L3di’/dt
L4di’/dt
L1=L3 & L2=L4
I
I’
dt
dI
L
dt
dI
L
Vcl
V
'
4
'
3-
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com