Electronic Components Datasheet Search
  English  ▼

X  

AN4160 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4160
Description  TVS devices for power line communication applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4160 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4160 Datasheet HTML 6Page - STMicroelectronics AN4160 Datasheet HTML 7Page - STMicroelectronics AN4160 Datasheet HTML 8Page - STMicroelectronics AN4160 Datasheet HTML 9Page - STMicroelectronics AN4160 Datasheet HTML 10Page - STMicroelectronics AN4160 Datasheet HTML 11Page - STMicroelectronics AN4160 Datasheet HTML 12Page - STMicroelectronics AN4160 Datasheet HTML 13Page - STMicroelectronics AN4160 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID023640 Rev 2
11/14
AN4160
Primary side TVS validation through power rating
14
4
Primary side TVS validation through power rating
In order to guarantee reliability of the primary side protection TVS, an additional verification
should be performed. Current as well as voltage across the protection device during surge
should be measured and compared against the datasheet specifications.
In order to verify the exact power to be managed by the TVS, measured voltage and current
across the TVS during differential surge are reported.
Figure 13. Measured current across the primary TVS during differential surge (1 V = 1 A)
Figure 14. Measured voltage across the primary TVS during differential surge
Indeed, most of the power is already absorbed by the MOV as first-stage protection.
The residual surge left after the MOV has a peak current IPEAK around 300 A and lasts
about 1µs. The measured peak voltage VPEAK is above 32 V. Therefore, the peak power
across the TVS during the surge can be estimated as PPEAK = 32 V x 300 A = 9.6 kW.
Now that the residual surge has been defined, it can be compared with the various TVS part
number datasheets.
100 V/div
10 µs/div
C34 max = 298V
C3 min = -122 V
10 V/div
50 µs/div
C4 max = 32.1 V
C4 min = -21.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com