Electronic Components Datasheet Search
  English  ▼

X  

AN4160 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4160
Description  TVS devices for power line communication applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4160 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4160 Datasheet HTML 6Page - STMicroelectronics AN4160 Datasheet HTML 7Page - STMicroelectronics AN4160 Datasheet HTML 8Page - STMicroelectronics AN4160 Datasheet HTML 9Page - STMicroelectronics AN4160 Datasheet HTML 10Page - STMicroelectronics AN4160 Datasheet HTML 11Page - STMicroelectronics AN4160 Datasheet HTML 12Page - STMicroelectronics AN4160 Datasheet HTML 13Page - STMicroelectronics AN4160 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Primary side TVS validation through power rating
AN4160
12/14
DocID023640 Rev 2
4.1
SMAJ13CA
In the SMAJ13CA datasheet, the Peak Pulse Power versus exponential pulse duration is
provided. According to this parameter, a pulse lasting 1µs can be withstood if its power is
lower than 9 kW.
This limit is exceeded by the previously measured PPEAK. Therefore, the SMAJ13CA TVS
could be considered suitable for 4 kV level compliance only.
4.2
SMA6J13CA
In the SMA6J13CA datasheet, the Peak Pulse Power versus exponential pulse duration is
provided. According to this parameter, a pulse lasting 1µs can be withstood if its power is
lower than 11 kW.
This power capability is higher than the requirement set by the measurements above.
Therefore, it is safe to use SMA6J13CA TVS up to 6 kV surge level.
4.3
SM6T15CA
The SM6T15CA TVS has the same power rating as the SMA6J13CA, so the same
conclusions described above shall apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com