Electronic Components Datasheet Search
  English  ▼

X  

AN4192 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 30Page - STMicroelectronics AN4192 Datasheet HTML 31Page - STMicroelectronics AN4192 Datasheet HTML 32Page - STMicroelectronics AN4192 Datasheet HTML 33Page - STMicroelectronics AN4192 Datasheet HTML 34Page - STMicroelectronics AN4192 Datasheet HTML 35Page - STMicroelectronics AN4192 Datasheet HTML 36Page - STMicroelectronics AN4192 Datasheet HTML 37Page - STMicroelectronics AN4192 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Low-side FET selection
AN4192
34/47
Doc ID 023820 Rev 1
Figure 40.
Low RG,LS(INT) (1.3 Ω) waveforms @ full load
Figure 41.
High RG,LS(INT) waveforms @ full load
As shown in the previous images, there is a 10% reduction on the phase node spike, due to
the intrinsic LS slow-down.
It is important to underline that the same benefit in terms of phase node spike reduction is
not evident with an RC snubber network mounted on the board, which provides the
AM16483V1
AM16484V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com