Electronic Components Datasheet Search
  English  ▼

X  

AN4192 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 34Page - STMicroelectronics AN4192 Datasheet HTML 35Page - STMicroelectronics AN4192 Datasheet HTML 36Page - STMicroelectronics AN4192 Datasheet HTML 37Page - STMicroelectronics AN4192 Datasheet HTML 38Page - STMicroelectronics AN4192 Datasheet HTML 39Page - STMicroelectronics AN4192 Datasheet HTML 40Page - STMicroelectronics AN4192 Datasheet HTML 41Page - STMicroelectronics AN4192 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Low-side FET selection
AN4192
38/47
Doc ID 023820 Rev 1
Figure 47.
Phase node waveform and fRING evaluation
Equation 9
The snubber capacitor value is a trade-off between the over-damping effect (reduction of the
number of oscillations) (high CSNUB) and limited energy losses (low CSNUB). Typically, the
snubber network constant time (
τ SNUB) is chosen as:
Equation 10
The correct fine tuning of the snubber components, together with a suitable selection of the
external gate resistors, allows a sensible reduction of the phase node overshoot. For
example, let's consider a single-phase synchronous buck converter (VIN = 12 V, VOUT = 1.25
V, fSW = 270 kHz, 1 x HS, 1 x LS, IOUT = 20 A, with the following original configuration:
CSNUB = 6.8 nF, RSNUB = 1.8 Ω, RG,HS(EXT) = 0 Ω, RG,LS(EXT) = 0 Ω) . Moreover, a very low
QG,SW HS FET is used to maximize the switching speed and emphasize the phase node
ringing issue. In Figure 48, the waveforms for the original configuration are shown: the
maximum phase node spike is 33.6 V.
AM16490V1
L
stray
1
f
2
RING
4
π
2
C
OSS
⋅⋅
--------------------------------------------------------
=
τ
SNUB
R
SNUB
C
SNUB
3
f
RING
--------------
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com