Electronic Components Datasheet Search
  English  ▼

X  

LT1463 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1463
Description  Dual/Quad Micropower, 260W C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1463 Datasheet(HTML) 2 Page - Linear Technology

  LT1463 Datasheet HTML 1Page - Linear Technology LT1463 Datasheet HTML 2Page - Linear Technology LT1463 Datasheet HTML 3Page - Linear Technology LT1463 Datasheet HTML 4Page - Linear Technology LT1463 Datasheet HTML 5Page - Linear Technology LT1463 Datasheet HTML 6Page - Linear Technology LT1463 Datasheet HTML 7Page - Linear Technology LT1463 Datasheet HTML 8Page - Linear Technology LT1463 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1462/LT1463
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .....................................................
±20V
Differential Input Voltage .......................................
±40V
Input Current ....................................................... 20mA
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range ................ – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1463CN
LT1463CS
ORDER PART
NUMBER
LT1462ACN8
LT1462ACS8
LT1462CN8
LT1462CS8
1462
1462A
ELECTRICAL CHARACTERISTICS V
S = ± 15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1462AC
LT1462C/LT1463C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±5V
0.4
0.8
0.4
0.8
mV
VS = ±15V
0.6
2.0
0.6
2.0
mV
IOS
Input Offset Current
VS = ±5V
0.3
1.2
pA
VS = ±15V
0.5
2.0
0.5
15
pA
IB
Input Bias Current
VS = ±5V
±0.5
±2.0
pA
VS = ±15V
±1
±3.0
± 1
±20
pA
en
Input Noise Voltage
0.1Hz to 10Hz
2
2
µVP-P
Input Noise Voltage Density
fO = 10Hz
92
92
nV/
√Hz
fO = 1000Hz
76
76
nV/
√Hz
Input Noise Current Density
fO = 10Hz, 1kHz (Note 3)
0.5
0.5
fA/
√Hz
CMRR
Common Mode Rejection Ratio
VCM = – 12.5V to 15V
76
89
74
89
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±20V
81
90
78
90
dB
RIN
Input Resistance—Differential
1012
1012
Ω
Common Mode
VCM = – 12.5V to 8V
1012
1012
Ω
Common Mode
VCM = 8V to 15V
1011
1011
Ω
CIN
Input Capacitance
3
3
pF
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 10k
100
600
100
600
V/mV
VS = ±5V, VO = ±2V, RL = 10k
50
200
50
200
V/mV
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN B
V–
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
B
A
TJMAX = 150°C, θJA = 130°C/ W (N)
TJMAX = 150°C, θJA = 190°C/ W (S)
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
N PACKAGE
14-LEAD PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
A
B
D
C
TJMAX = 150°C, θJA = 110°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
Consult factory for Industrial and Military grade parts.
S8 PART MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com