Electronic Components Datasheet Search
  English  ▼

X  

LT1463 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1463
Description  Dual/Quad Micropower, 260W C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1463 Datasheet(HTML) 4 Page - Linear Technology

  LT1463 Datasheet HTML 1Page - Linear Technology LT1463 Datasheet HTML 2Page - Linear Technology LT1463 Datasheet HTML 3Page - Linear Technology LT1463 Datasheet HTML 4Page - Linear Technology LT1463 Datasheet HTML 5Page - Linear Technology LT1463 Datasheet HTML 6Page - Linear Technology LT1463 Datasheet HTML 7Page - Linear Technology LT1463 Datasheet HTML 8Page - Linear Technology LT1463 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1462/LT1463
ELECTRICAL CHARACTERISTICS
LT1462AC
LT1462C/LT1463C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆CMRR
Common Mode Rejection Match
(Notes 5, 7)
q
73
84
70
84
dB
∆PSRR
Power Supply Rejection Match
(Notes 5, 7)
q
77
87
74
87
dB
VS = ±15V, VCM = 0V, – 40°C ≤ TA ≤ 85°C (Note 2), unless otherwise noted.
LT1462AC
LT1462C/LT1463C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±5V
q
0.6
1.5
0.6
1.5
mV
VS = ±15V
q
1.0
3.0
1.0
3.0
mV
∆VOS
Average Input Offset Voltage Drift
(Note 6)
q
720
7
20
µV/°C
∆Temp
IOS
Input Offset Current
q
40
150
60
700
pA
IB
Input Bias Current
q
200
500
300
2500
pA
CMRR
Common Mode Rejection Ratio
VCM = –12V to 15V
q
74
87
70
87
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±20V
q
79
88
74
88
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 10k
q
80
500
80
500
V/mV
VS = ±5V, VO = ±2V, RL = 2k
q
40
120
40
120
V/mV
IO
Output Current
q
±10
±13
±10
±13
mA
VOUT
Output Voltage Swing
RL = 10k
q
±13.2 ±13.4
±13.2 ±13.4
V
RL = 2k
q
±10.0 ±11.8
±10.0 ±11.8
V
VS = ±5V, RL = 2k
q
±3.2
±3.4
±3.2
±3.4
V
SR
Slew Rate
RL = 10k (Note 4)
q
0.070
0.126
0.070
0.126
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
q
95
135
95
135
kHz
IS
Supply Current per Amplifier
q
33
50
33
50
µA
VS = ±5V
q
31
48
31
48
µA
VOS
Offset Voltage Match (Note 7)
VS = ±5V
q
0.8
2.5
0.8
2.5
mV
VS = ±15V
q
1.0
4.0
1.0
4.0
mV
∆IB+
Noninverting Bias Current Match
q
20
100
70
800
pA
(Note 7)
∆CMRR
Common Mode Rejection Match
(Notes 5, 7)
q
72
83
68
83
dB
∆PSRR
Power Supply Rejection Match
(Notes 5, 7)
q
76
86
72
86
dB
VS = ±15V, VCM = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Typical parameters are defined as 60% yield of parameter
distributions of individual amplifiers, i.e., out of 100 LT1463s (or 100
LT1462s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 2: The LT1462 and LT1463 are designed, characterized and expected
to meet these extended temperature limits, but are not tested at – 40
°C
and 85
°C. Guaranteed I grade parts are available, consult factory.
Note 3: Current noise is calculated from the formula: in = (2qib)1/2 where
q = (1.6)(10–19) coulomb. The noise of source resistors up to 1G swamps
the contribution of current noise.
Note 4: Slew rate is measured in AV = –1; input signal is ±7.5V, output is
measured at
±2.5V.
Note 5:
∆CMRR and ∆PSRR are defined as follows:
1. CMRR and PSRR are measured in
µV/V on the individual amplifiers.
2. The difference is calculated between the matching sides in
µV/V.
3. The result is converted to dB.
Note 6: This parameter is not 100% tested.
Note 7: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1463; between the two amplifiers on the
LT1462.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com