Electronic Components Datasheet Search
  English  ▼

X  

AN4213 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 11Page - STMicroelectronics AN4213 Datasheet HTML 12Page - STMicroelectronics AN4213 Datasheet HTML 13Page - STMicroelectronics AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics AN4213 Datasheet HTML 16Page - STMicroelectronics AN4213 Datasheet HTML 17Page - STMicroelectronics AN4213 Datasheet HTML 18Page - STMicroelectronics AN4213 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
DocID023984 Rev 2
15/42
AN4213
Designing a TM PFC
The breakdown voltage is fixed by the same criterion as the Power MOSFET. A minimum
breakdown voltage of 1.2*(V
OUT
-
ΔV
OVP
) and a current rating higher than 3*I
OUT
, can be
chosen for a rough initial selection of the rectifier.
In this 116 W application an STTH1L06 (600 V, 1 A) has been selected.
From the STTH1L06 datasheet, V
th
is 0.89V and R
d
is 0.165
Ω, therefore substituting these
values in
Equation 25, we have:
3.4
L6562A biasing circuitry (pin by pin)
This section explains the dimensioning of the biasing circuitry pin-by-pin.
For reference, the relevant components have been highlighted in the figure below.
Figure 5. PFC electrical schematic
()
W
A
A
V
P
DON
315
.
0
59
.
0
*
165
.
0
29
.
0
*
89
.
0
2
=
Ω
+
=
AM17319v1
AC
INV
1
COMP
2
3
MULT
4
CS
ZCD
GND
GD
VCC
5
6
7
8
+
400Vdc
Rmulth
Rmultl
Rzcd
Rsense
NTC
Routh
Routl
Ccomp
l
Rm
ultl
Cc
Vin(Vac)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com