Electronic Components Datasheet Search
  English  ▼

X  

AN4406 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4406
Description  new ST super-junction technology ideal for resonant topologies
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4406 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4406 Datasheet HTML 1Page - STMicroelectronics AN4406 Datasheet HTML 2Page - STMicroelectronics AN4406 Datasheet HTML 3Page - STMicroelectronics AN4406 Datasheet HTML 4Page - STMicroelectronics AN4406 Datasheet HTML 5Page - STMicroelectronics AN4406 Datasheet HTML 6Page - STMicroelectronics AN4406 Datasheet HTML 7Page - STMicroelectronics AN4406 Datasheet HTML 8Page - STMicroelectronics AN4406 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DocID025567 Rev 1
5/27
AN4406
Description
27
With three reactive elements, there are 36 possible tank circuit configurations, of which 15
are usable with a voltage source input and two popular resonant inverter topologies can be
formed:
•
an LCC (one L and two Cs) resonant inverter – the load is connected in parallel with
one of the capacitors; commonly used in electronic, gas-discharge lamp ballasts;
•
an LLC (two Ls and one C) resonant inverter – the load is connected in parallel with
one inductor.
As previously stated, for any resonant inverter there is a corresponding DC-DC resonant
converter obtained by rectification and filtering of the inverter output. The above mentioned
inverters of course belong to the "class D resonant converters" category.
In off-line applications, the rectifier block is usually coupled to the resonant inverter through
a transformer to provide the isolation required by safety regulations. To maximize the
efficiency of the inverter, the rectifier block can be configured as:
•
a full-wave rectifier (for low voltage / high current output) with a center tap arrangement
of the transformer's secondary winding
•
a bridge rectifier (for high voltage /low current output) without tapping.
The low-pass filter can be configured with capacitors only or with an L-C type smoothing
filter, depending on the configuration of the tank circuit. The so-called "series-parallel"
converter used in typical in high-voltage power supplies is derived from the LCC resonant
inverter described above. Its mirror configuration, the LLC inverter, generates the converter
with the same name.
We will consider the half-bridge implementation illustrated in Figure 3, but it can be easily
extended to the full-bridge version.
Figure 3. LCC resonant half-bridge schematic
In resonant inverters and converters, power flow is controlled via the switch network by:
•
changing the frequency of the square wave voltage, or its duty cycle, or both
•
by special control schemes such as phase-shift control.
We shall control power flow through frequency modulation by adjusting the frequency of the
square wave closer to or further from the tank circuit's resonant frequency, while keeping its
duty cycle fixed.
GIPG211120131509SR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com