Electronic Components Datasheet Search
  English  ▼

X  

LT2179 Datasheet(PDF) 7 Page - Linear Technology

Part # LT2179
Description  17A Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT2179 Datasheet HTML 3Page - Linear Technology LT2179 Datasheet HTML 4Page - Linear Technology LT2179 Datasheet HTML 5Page - Linear Technology LT2179 Datasheet HTML 6Page - Linear Technology LT2179 Datasheet HTML 7Page - Linear Technology LT2179 Datasheet HTML 8Page - Linear Technology LT2179 Datasheet HTML 9Page - Linear Technology LT2179 Datasheet HTML 10Page - Linear Technology LT2179 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT2178/LT2179
7
21789fc
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
30
20
10
0
–10
100k
21789 G10
10k
1M
80
100
120
140
160
180
200
220
240
TA = 25°C
NO LOAD
PHASE
15V
PHASE
5V, 0V,
GAIN
5V, 0V
GAIN
15V
LOAD RESISTANCE TO GROUND (Ω)
10k
10k
100k
1M
10M
100k
1M
10M
217879 G11
VS = 15V, TA = 25°C
VS = 5V, 0V, TA = 25°C
VS = 5V, 0V, TA = 85°C
CAPACITIVE LOAD (pF)
10
120
100
80
60
40
20
0
100
1000
10000
20789 G12
VS = 5V, 0V
AV = 1
AV = 5
AV = 10
21789 G13
500μs/DIV
AV = 1
CL = 12pF
21789 G14
100μs/DIV
AV = 1
CL = 12pF
INPUT PULSE = 0V TO 3.8V
21789 G15
20μs/DIV
AV = 1
CL = 12pF
21789 G16
20μs/DIV
AV = 1
CL = 12pF
21789 G17
20μs/DIV
AV = 1
CL = 12pF
INPUT PULSE = 50mV TO 150mV
FREQUENCY (Hz)
1
120
100
80
60
40
20
0
10
100
1k
10k
21789 G18
100k
TA = 25°C
VS = 5V, 0V
VS = 15V
Large-Signal Transient Response
VS = ±15V
Large-Signal Transient Response
VS = 5V, 0V
Small-Signal Transient Response
VS = ±2.5V
Small-Signal Transient Response
VS = ±15V
Small-Signal Transient Response
VS = 5V, 0V
Common Mode Rejection Ratio
vs Frequency
Gain, Phase vs Frequency
Voltage Gain vs Load Resistance
Capacitive Load Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com