Electronic Components Datasheet Search
  English  ▼

X  

LT2179 Datasheet(PDF) 5 Page - Linear Technology

Part # LT2179
Description  17A Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179 Datasheet(HTML) 5 Page - Linear Technology

  LT2179 Datasheet HTML 1Page - Linear Technology LT2179 Datasheet HTML 2Page - Linear Technology LT2179 Datasheet HTML 3Page - Linear Technology LT2179 Datasheet HTML 4Page - Linear Technology LT2179 Datasheet HTML 5Page - Linear Technology LT2179 Datasheet HTML 6Page - Linear Technology LT2179 Datasheet HTML 7Page - Linear Technology LT2179 Datasheet HTML 8Page - Linear Technology LT2179 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT2178/LT2179
5
21789fc
The
l denotes the specifications which apply over the full operating temperature range. VS = ±15V, –40°C ≤ TA ≤ 85°C for I-grades,
unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LT2178AI
LT2178I/LT2179I
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT2178
LT2179
l
l
100
100
650
650
130
130
740
740
μV
μV
ΔVOS
ΔT
Input Offset Voltage Drift
LT2178 (Note 5)
LT2179
l
0.6
0.7
1.8
3
0.7
0.9
2.5
4
μV/ºC
μV/ºC
IOS
Input Offset Current
l
0.07
0.7
0.1
1
nA
IB
Input Bias Current
l
37
48
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
l
150
500
100
500
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –14.9V
l
90
105
88
103
dB
PSRR
Power Supply Rejection Ratio
VS = 0V, 5V to ±18V
l
92
110
88
109
dB
Maximum Output Voltage Swing
RL = 5k
l
±11
±13.5
±11
±13.5
V
IS
Supply Current per Amplifier
l
18
28
19
30
μA
SYMBOL PARAMETER
CONDITIONS
LT2178AC/LT2179AC
LT2178C/LT2179C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT2178
LT2179
l
l
100
120
480
550
130
150
660
750
μV
μV
ΔVOS
ΔT
Input Offset Voltage Drift
LT2178 (Note 5)
LT2179
l
0.6
0.7
1.5
3
0.7
0.9
2.5
4
μV/ºC
μV/ºC
IOS
Input Offset Current
l
0.06
0.35
0.06
0.35
nA
IB
Input Bias Current
l
36
37
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
l
200
800
150
750
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –15V
l
94
104
91
104
dB
PSRR
Power Supply Rejection Ratio
RL = 5k
l
93
110
91
110
dB
Maximum Output Voltage Swing
RL = 5k
l
±11
±13.6
±11
±13.6
V
IS
Supply Current per Amplifier
l
17
24
18
28
μA
The
l denotes the specifications which apply over the full operating temperature range. VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers, i.e., out of 100 LT2179s (or 100
LT2178s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 3: This parameter is tested on a sample basis only. All noise
parameters are tested with VS = ±2.5V, VO = 0V.
Note 4: This parameter is guaranteed by design and is not tested.
Note 5: Power supply rejection ratio is measured at the minimum supply
voltage. The op amps actually work at 1.7V supply but with a typical offset
skew of –300μV.
Note 6: This parameter is not 100% tested.
Note 7: During testing at –40°C, the 5V power supply turn-on time is less
than 0.5s.
Note 8: The LT2178C/LT2179C are designed, characterized and expected
to meet the industrial temperature limits, but are not tested at –40°C and
85°C. I-grade parts are guaranteed.
The
l denotes the specifications which apply over the full operating
temperature range. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, –40°C ≤ TA ≤ 85°C for I-grades, unless otherwise noted. (Note 6)
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
LT2178AC/LT2178AI
LT2179AC
LT2178C/LT2178I
LT2179C/LT2179I
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
GBW
Gain Bandwidth Product
fO ≤ 5kHz
85
85
kHz
IS
Supply Current per Amplifier
16
21
17
25
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com