Electronic Components Datasheet Search
  English  ▼

X  

AN4662 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4662
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4662 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4662 Datasheet HTML 3Page - STMicroelectronics AN4662 Datasheet HTML 4Page - STMicroelectronics AN4662 Datasheet HTML 5Page - STMicroelectronics AN4662 Datasheet HTML 6Page - STMicroelectronics AN4662 Datasheet HTML 7Page - STMicroelectronics AN4662 Datasheet HTML 8Page - STMicroelectronics AN4662 Datasheet HTML 9Page - STMicroelectronics AN4662 Datasheet HTML 10Page - STMicroelectronics AN4662 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
AN4662
Registers
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FIFO_SRC
2F
FTH
OVR
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
IG_CFG1
30h
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
IG_SRC1
31h
-
IA
ZH
ZL
YH
YL
XH
XL
IG_THS_X1
32h
XTH1_7
XTH1_6
XTH1_5
XTH1_4
XTH1_3
XTH1_2
XTH1_1
XTH1_0
IG_THS_Y1
33h
YTH1_7
YTH1_6
YTH1_5
YTH1_4
YTH1_3
YTH1_2
YTH1_1
YTH1_0
IG_THS_Z1
34h
ZTH1_7
ZTH1_6
ZTH1_5
ZTH1_4
ZTH1_3
ZTH1_2
ZTH1_1
ZTH1_0
IG_DUR1
35h
WAIT1
DUR1_6
DUR1_5
DUR1_4
DUR1_3
DUR1_2
DUR1_1
DUR1_0
IG_CFG2
36h
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
IG_SRC2
37h
-
IA
ZH
ZL
YH
YL
XH
XL
IG_THS2
38h
TH2_7
TH2_6
TH2_5
TH2_4
TH2_3
TH2_2
TH2_1
TH2_0
IG_DUR2
39h
WAIT2
DUR2_6
DUR2_5
DUR2_4
DUR2_3
DUR2_2
DUR2_1
DUR2_0
XL_REFERENCE
3Ah
XREF7
XREF6
XREF5
XREF4
XREF3
XREF2
XREF1
XREF0
XH_REFERENCE
3Bh
XREF15
XREF14
XREF13
XREF12
XREF11
XREF10
XREF9
XREF8
YL_REFERENCE
3Ch
YREF7
YREF6
YREF5
YREF4
YREF3
YREF2
YREF1
YREF0
YH_REFERENCE
3Dh
YREF15
YREF14
YREF13
YREF12
YREF11
YREF10
YREF9
YREF8
ZL_REFERENCE
3Eh
ZREF7
ZREF6
ZREF5
ZREF4
ZREF3
ZREF2
ZREF1
ZREF0
ZH_REFERENCE
3Fh
ZREF15
ZREF14
ZREF13
ZREF12
ZREF11
ZREF10
ZREF9
ZREF8
DocID027579 Rev 1
7/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com