Electronic Components Datasheet Search
  English  ▼

X  

AN4671 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4671
Description  How to fine tune your SiC MOSFET gate driver to minimize losses
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4671 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4671 Datasheet HTML 7Page - STMicroelectronics AN4671 Datasheet HTML 8Page - STMicroelectronics AN4671 Datasheet HTML 9Page - STMicroelectronics AN4671 Datasheet HTML 10Page - STMicroelectronics AN4671 Datasheet HTML 11Page - STMicroelectronics AN4671 Datasheet HTML 12Page - STMicroelectronics AN4671 Datasheet HTML 13Page - STMicroelectronics AN4671 Datasheet HTML 14Page - STMicroelectronics AN4671 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN4671
How to minimize switching losses
DocID027654 Rev 1
11/17
2.5
Gate drive current requirements
The gate current needed to turn a MOSFET on or off can be easily calculated using the
gate charge, which can be directly read from the relevant datasheet.
The SCT30N120 total gate charge (Qg) is typically 106 nC at VDD = 800 V, ID = 20 A,
VGS = -2 to 20 V.
The image below shows the total amount of charge measured as the integral of the gate
current during turn-on.
Figure 10: SCT30N120 gate charge (turn-on at VDD=800 V, ID=20 A, Tj=25 °C)
The relatively small total gate charge that the driver must source and sink for any switching
cycle is due to the SiC MOSFET having the lowest Figure-of-Merit Rds(on)*Qg of all 1200 V
switches.
Inadequate driver current capability during sourcing and sinking will compromise the
excellent switching performance of the SiC MOSFET because, as mentioned above, the
switching energy strongly decreases with gate resistance.
For maximum switching speed, the driver must be able to source or sink the gate peak
current measured at Rg = 1
Ω, V
GS-on = +20 V and VGS-off = -2 V (see Figure 2).
The following turn-on and turn-off commutation images clearly show the driver sourcing
and sinking requirements when driving the SCT30N120.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com