Electronic Components Datasheet Search
  English  ▼

X  

AN4671 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4671
Description  How to fine tune your SiC MOSFET gate driver to minimize losses
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4671 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4671 Datasheet HTML 8Page - STMicroelectronics AN4671 Datasheet HTML 9Page - STMicroelectronics AN4671 Datasheet HTML 10Page - STMicroelectronics AN4671 Datasheet HTML 11Page - STMicroelectronics AN4671 Datasheet HTML 12Page - STMicroelectronics AN4671 Datasheet HTML 13Page - STMicroelectronics AN4671 Datasheet HTML 14Page - STMicroelectronics AN4671 Datasheet HTML 15Page - STMicroelectronics AN4671 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
How to minimize switching losses
AN4671
12/17
DocID027654 Rev 1
Figure 11: Gate source current at VDD=800 V, ID=20 A, Rg=1
Ω, VGS=-2 V to 20 V, Tj=25 °C)
Figure 12: Gate sink current at VDD=800 V, ID=20 A, Rg=1
Ω, VGS=-2 V to 20 V, Tj=25 °C)
The peak gate current is lower than 2 A in both cases; under any other test condition
(higher case temperatures and lower drain current values), the gate current decreases
slightly at turn-off and increases by a similar amount at turn-on.
Both the voltage across the gate resistor and the gate current are limited by the parasitic
source inductance and the drain current di/dt; Figure 11 in fact shows a high degree of
ringing on the gate current caused by the oscillating ID and the source inductance at turn-
on.
Ideally, if the effect of the parasitic L were removed, we would expect the source current to
exceed 2 A during turn-on, while during turn-off at Rg=1
Ω (see Figure 12) the gate current
is quite stable and independent of the drain current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com