Electronic Components Datasheet Search
  English  ▼

X  

TN0025 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN0025
Description  LED balancing circuit with power limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0025 Datasheet(HTML) 2 Page - STMicroelectronics

  TN0025 Datasheet HTML 1Page - STMicroelectronics TN0025 Datasheet HTML 2Page - STMicroelectronics TN0025 Datasheet HTML 3Page - STMicroelectronics TN0025 Datasheet HTML 4Page - STMicroelectronics TN0025 Datasheet HTML 5Page - STMicroelectronics TN0025 Datasheet HTML 6Page - STMicroelectronics TN0025 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LED balancing circuit
TN0025
2/7
1
LED balancing circuit
This circuit is used to balance the current in two or more parallel strings of series loads
where the individual loads vary in voltage, because loads have been opened or shortened.
The circuit contains one bipolar transistor and one resistor per string, a voltage reference
(two diodes shown in Figure 1) and a resistor for the reference. The current passing through
each load (Note: a 'load' is one string of LEDs. See Figure 1 which shows LED loads D1 and
D2, D3 and D4, and D5 and D6 in series) is also the current through one transistor.
Figure 1 also shows the power supply for an example using LED loads D1 plus D2, D3 plus
D4, D5 plus D6 and a power supply output voltage, with a constant output current, providing
the circuit input voltage, Vin. With each string containing the same number of LEDs, any
number of LEDs can be used.
The voltage at V1 is the reference voltage, Vr, minus the base to emitter voltage Vbe1. The
current through R1 is the voltage V1 divided by the resistor R1. The total LED current is
approximately the sum of the current through the emitter resistors R1, R2 and R3.
The current through each string remains approximately equal, even if the LED voltage varies
or if one is shorted. This is due to the relatively constant voltage of two reference diodes (D7
and D8, in series) will determine the current through the emitter resistors. For example if
LED (D1) in one string is open, the current through the string (D1 and D2) is zero. The base
to emitter junction of Q1 behaves like a diode and a small amount of current passes through
R1. The reference voltage Vr drops, as to the other base to emitter junction voltages, and
less current flows through the other strings (see Equation 10)
Figure 1.
LED balancing circuit
●
Operation of the LED balancing circuit, with an emitter resistor (Re) is as follows:
Equation 1
I
Re
V
R Vbe
–
Re
--------------------
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com