Electronic Components Datasheet Search
  English  ▼

X  

TN0025 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN0025
Description  LED balancing circuit with power limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0025 Datasheet(HTML) 4 Page - STMicroelectronics

  TN0025 Datasheet HTML 1Page - STMicroelectronics TN0025 Datasheet HTML 2Page - STMicroelectronics TN0025 Datasheet HTML 3Page - STMicroelectronics TN0025 Datasheet HTML 4Page - STMicroelectronics TN0025 Datasheet HTML 5Page - STMicroelectronics TN0025 Datasheet HTML 6Page - STMicroelectronics TN0025 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LED balancing circuit
TN0025
4/7
switched on through R11 and R12. The voltage at Vr drop the current in both LED strings.
The power supply source, which is constant, tries to supply the required current, and in
doing so raises the output voltage up to the power supply output voltage limit. Vin and, V1
increase and, Q11 latches on and disables the LED balancing circuit until Vin is removed.
Figure 2.
LED balancing circuit - two transistor power limit, latch
The following two circuits are variations of the power limit circuit in Figure 2 which will
disable the LED balancing circuit but will not latch it off.
Figure 3 and Figure 4 show two variations of power limit circuits, which disable the LED
balancing circuit but do not latch it off.
The circuit in Figure 3 (R11, R12, R13 and Q11) has fewer parts but has a narrower fault
tolerance detection range. Q11 is switched on through either R11 or R13. In the circuit (R11,
R12, D9, D10 and Q11) in Figure 4, Q11 is switched on through diodes D9 or D10.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com