Electronic Components Datasheet Search
  English  ▼

X  

TN0026 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN0026
Description  LED balancing circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0026 Datasheet(HTML) 3 Page - STMicroelectronics

  TN0026 Datasheet HTML 1Page - STMicroelectronics TN0026 Datasheet HTML 2Page - STMicroelectronics TN0026 Datasheet HTML 3Page - STMicroelectronics TN0026 Datasheet HTML 4Page - STMicroelectronics TN0026 Datasheet HTML 5Page - STMicroelectronics TN0026 Datasheet HTML 6Page - STMicroelectronics TN0026 Datasheet HTML 7Page - STMicroelectronics TN0026 Datasheet HTML 8Page - STMicroelectronics TN0026 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TN0026
LED balancing circuits
3/9
Figure 1.
LED balancing circuit 1- two string resistor divider
1.2
LED balancing circuit 2
LED balancing circuit 2 (see Figure 2) contains two bipolar transistors, eight resistors and
four diodes. The current passing through each load is primarily the current through one
transistor.
LED balancing circuit 2 uses LED loads D1 and D2, D3 and D4, and a power supply output
voltage with a constant output current that provides the circuit input voltage (VIN). As each
string contains the same number of LEDs, any number of LEDs can be used.
The voltage at V1 is the input voltage, VIN, minus the load voltage VD1 plus VD2. The
voltage at V2 is the voltage drop across diodes D7 and D8. The voltage at V3 is the voltage
at V2 minus Vbe2. The current through R7 is the voltage V3 divided by the resistor R7.
Conversely, the current through R4 is the voltage at V6 divided by R4. The total LED current
is approximately the sum of the current through R7 and R4.
The current through each string remains approximately equal, even if the LED voltage varies
or if one is shorted. This is due to the relative constant voltage of the two diodes in series
(D7 and D8) which determines the current through the emitter resistor (R7).
If LED (for example D1) in one string is open, the base current for Q2 is zero, Q2 is switched
off, the current through R7, which normally flows through D3 and D4, is zero and the current
through D1 and D2 is zero. A small amount of current, (Vin -VD3-VD4-VD5-VD6)/R2, flows
through D3 and D4.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com