Electronic Components Datasheet Search
  English  ▼

X  

TN0026 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN0026
Description  LED balancing circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0026 Datasheet(HTML) 4 Page - STMicroelectronics

  TN0026 Datasheet HTML 1Page - STMicroelectronics TN0026 Datasheet HTML 2Page - STMicroelectronics TN0026 Datasheet HTML 3Page - STMicroelectronics TN0026 Datasheet HTML 4Page - STMicroelectronics TN0026 Datasheet HTML 5Page - STMicroelectronics TN0026 Datasheet HTML 6Page - STMicroelectronics TN0026 Datasheet HTML 7Page - STMicroelectronics TN0026 Datasheet HTML 8Page - STMicroelectronics TN0026 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LED balancing circuits
TN0026
4/9
Figure 2.
LED balancing circuit - two string, reference
1.3
LED balancing circuit 3
LED balancing circuit 3 (see Figure 3) balances the current in two or more parallel strings of
series loads where the individual loads vary in voltage, because one is open or one is
shorted. This circuit contains one bipolar transistor and resistor per string, a voltage
reference and a resistor as reference. The current passing through each load is the current
through one transistor.
LED balancing circuit 3 uses LED loads D1 and D2, D3 and D4, D5 and D6, and a power
supply output voltage with a constant output current that provides the circuit input voltage
(VIN). With each string containing the same number of LEDs, any number of LEDs can be
used.
The voltage at V1 is the reference voltage, Vr, minus the base to emitter voltage Vbe1. The
current through R1 is the voltage V1 divided by resistor R1. Total LED current is
approximately the sum of the current through the emitter resistors R1, R2 and R3.
As with LED balancing circuit 2, the current through each string remains approximately
equal, even if the LED voltage varies or if one is shorted. This is due to the relative constant
voltage of the reference diodes (D7 and D8 in series) which determine the current through
the emitter resistors.
If a LED (for example D1) in one string is open, the current through the string (D1 and D2) is
zero. The base to emitter junction of Q1 behaves like a diode and a small amount of current
passes through R1. The reference voltage Vr drops, the other base to emitter junction
voltages drop, and less current flow through the other strings (see Equation 10).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com