Electronic Components Datasheet Search
  English  ▼

X  

LTC1156 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1156
Description  Quad High Side Micropower MOSFET Driver with Internal Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1156 Datasheet(HTML) 1 Page - Linear Technology

  LTC1156 Datasheet HTML 1Page - Linear Technology LTC1156 Datasheet HTML 2Page - Linear Technology LTC1156 Datasheet HTML 3Page - Linear Technology LTC1156 Datasheet HTML 4Page - Linear Technology LTC1156 Datasheet HTML 5Page - Linear Technology LTC1156 Datasheet HTML 6Page - Linear Technology LTC1156 Datasheet HTML 7Page - Linear Technology LTC1156 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1156
Quad High Side
Micropower MOSFET Driver
with Internal Charge Pump
SUPPLY VOLTAGE (V)
0
0
10
30
40
50
100
70
5
10
LTC1156 G01
20
80
90
60
15
20
VIN1 = VIN2 = VIN3 = VIN4 = 0V
TJ = 25°C
Laptop Computer Power Management
Standby Supply Current
5V
0.1
µF
100k
*30m
Ω
1156 TA01
ALL COMPONENTS SHOWN ARE SURFACE MOUNT. MINIMUM PARTS COUNT
SHOWN. CURRENT LIMITS CAN BE SET SEPARATELY AND TAILORED TO
INDIVIDUAL LOAD CHARACTERISTICS.
* IMS026 INTERNATIONAL MANUFACTURING SERVICES, INC. (401) 683-9700
VS
VS
DS1
DS2
DS3
DS4
IN1
IN2
IN3
IN4
G1
G2
G3
G4
CONTROL
LOGIC
OR
µP
+
10
µF
5V
Si9956DY
Si9956DY
GND GND
LTC1156
FLOPPY DISK
DRIVE
HARD DISK
DRIVE
DISPLAY
PERIPHERAL
APPLICATI
TYPICAL
DESCRIPTIO
S
FEATURE
s
No External Charge Pump Components
s
Fully Enhances N-Channel Power MOSFETs
s
16 Microamps Standby Current
s
95 Microamps ON Current
s
Wide Power Supply Range 4.5V to 18V
s
Controlled Switching ON and OFF Times
s
Replaces P-Channel High Side Switches
s
Compatible with Standard Logic Families
s
Available in 16-pin SOL Package
S
APPLICATI
The LTC1156 quad High side gate driver allows using low
cost N-channel FETs for high side switching applications.
An internal charge pump boosts the gate drive voltage
above the positive rail, fully enhancing an N-channel MOS
switch with no external components. Micropower opera-
tion, with 16
µA standby current and 95µA operating
current, allows use in virtually all systems with maximum
efficiency.
Included on chip is independent over-current sensing to
provide automatic shutdown in case of short circuits. A
time delay can be added to the current sense to prevent
false triggering on high in-rush current loads.
The LTC1156 operates off of a 4.5V to 18V supply and is
well suited for battery-powered applications, particularly
where micropower “sleep” operation is required.
The LTC1156 is available in both 16-pin DIP and 16-pin
SOL packages.
s
Laptop Computer Power Switching
s
SCSI Termination Power Switching
s
Cellular Telephone Power Management
s
P-Channel Switch Replacement
s
Battery Charging and Management
s
Low Frequency H-Bridge Driver
s
Stepper Motor and DC Motor Control


Similar Part No. - LTC1156

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156 LINER-LTC1156 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LTC1156C LINER-LTC1156C Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156CN LINER-LTC1156CN Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156CS LINER-LTC1156CS Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
More results

Similar Description - LTC1156

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
MicroPower Charge Pump Converter
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
MicroPower??Regulated Charge Pump
3110.2005.11.1.4
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com