Electronic Components Datasheet Search
  English  ▼

X  

LTC1156 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1156
Description  Quad High Side Micropower MOSFET Driver with Internal Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1156 Datasheet(HTML) 6 Page - Linear Technology

  LTC1156 Datasheet HTML 1Page - Linear Technology LTC1156 Datasheet HTML 2Page - Linear Technology LTC1156 Datasheet HTML 3Page - Linear Technology LTC1156 Datasheet HTML 4Page - Linear Technology LTC1156 Datasheet HTML 5Page - Linear Technology LTC1156 Datasheet HTML 6Page - Linear Technology LTC1156 Datasheet HTML 7Page - Linear Technology LTC1156 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1156
Automotive Triple High Side Switch with Reverse Battery Interrupt, Short-Circuit
and High-Voltage Transient Protection (20
µA Standby Current)
24V to 30V Quad Industrial Switch with Thermal Shutdown
24V – 30V
RT1*
100°C
1156 TA03
* KEYSTONE RL2006-100-100-30-PT MOUNT ON HEATSINK.
VS
VS
DS1
DS2
DS3
DS4
IN1
IN2
IN3
IN4
G1
G2
G3
G4
+
10
µF
50V
CONTROL
LOGIC
OR
µP
5V
GND GND
LTC1156
2k
240k
+
1
µF
25V
1N4746
18V
IRF530
IRF530
IRF530
IRF530
M
6V – 16V
1156 TA04
VS VS
G1
DS2
G2
DS3
G3
DS4
G4
IN1
IN2
IN3
IN4
+
18V
1N4746
GND GND
LTC1156
100k
200k
0.1
µF
IRFZ44
3
× IRFZ24
30k
24V
1N5252A
24V
1N5252A
30k
30k
24V
1N5252A
150
Ω
15V
1N5245A
1N4148
DS1
OUTPUT 1
OUTPUT 2
OUTPUT 3
10
µF
100k
150
Ω
1/2W
100k
100k
100k
INPUT 1
INPUT 2
INPUT 3
3
× 0.1µF
S
APPLICATI
TYPICAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com