Electronic Components Datasheet Search
  English  ▼

X  

UM1753 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1753
Description  Description of STLUX385A peripheral library
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1753 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1753 Datasheet HTML 8Page - STMicroelectronics UM1753 Datasheet HTML 9Page - STMicroelectronics UM1753 Datasheet HTML 10Page - STMicroelectronics UM1753 Datasheet HTML 11Page - STMicroelectronics UM1753 Datasheet HTML 12Page - STMicroelectronics UM1753 Datasheet HTML 13Page - STMicroelectronics UM1753 Datasheet HTML 14Page - STMicroelectronics UM1753 Datasheet HTML 15Page - STMicroelectronics UM1753 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
STLUX library
UM1753
12/21
DocID026248 Rev 1
Header
Input parameters
Output parameters
Functionality
ADC_PowerUp
This function performs the
correct power-on sequence
for the ADC (after a power
down to save power).
ADC_PowerDown
This function performs the
correct power-down
sequence for the ADC (to
save power).
ADC_Delay
ADC_Delay_Value
This function introduces
a delay in the following
conversion.
ADC_Measure
ADC_Channel_Measure is the channel
number to be activated for the data
acquisition.
ADC_Gain_Measure is the gain factor
to be applied for the conversion.
This function returns
the 16-bit value
coming from the
specified channel.
Given a channel number and
a gain factor, the function
returns a 16-bit value
captured by the ADC.
ADC_GetStatus
The returned data is
the current value of
the ADC status
register.
This function gets the current
ADC status.
ADC_SetStatus
EOS: end of sequence mode bit.HW
sets this bit at the end of conversion
sequence and must be cleared by SW.
This bit is white-clear.
EOC: end of conversion mode bit. HW
sets this bit at the end of each
conversion and must be cleared by SW.
This bit is white-clear.
This function sets the current
ADC status.
Table 5. STLUX385A analog-to-digital converter (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com