Electronic Components Datasheet Search
  English  ▼

X  

UM1753 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1753
Description  Description of STLUX385A peripheral library
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1753 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1753 Datasheet HTML 13Page - STMicroelectronics UM1753 Datasheet HTML 14Page - STMicroelectronics UM1753 Datasheet HTML 15Page - STMicroelectronics UM1753 Datasheet HTML 16Page - STMicroelectronics UM1753 Datasheet HTML 17Page - STMicroelectronics UM1753 Datasheet HTML 18Page - STMicroelectronics UM1753 Datasheet HTML 19Page - STMicroelectronics UM1753 Datasheet HTML 20Page - STMicroelectronics UM1753 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DocID026248 Rev 1
17/21
UM1753
STLUX library
21
3.10
STLUX385A universal asynchronous receiver/transmitter
(stlux_uart)
Table 10. STLUX385A universal asynchronous receiver/transmitter
Header
Input parameters
Output
parameters
Functionality
UART_Reset
Sets the UART internal
registers to their
default initialization
values.
UART_Init
BaudRate specifies the baud rate. It
can be up to f_clk/16.
WordLength is the data wordlength, it
can be 8 or 9 bits.
StopBits specifies the stop bits
sequence to be used.
Parity specifies if even, odd or no
parity must be used.
PIN specifies the UART pin
configuration.
Mode specifies the Rx/Tx
configuration.
Initializes the AWU
peripheral according to
the specified
parameters.
UART_Cmd
NewState can be ENABLE or
DISABLE.
Enables or disables
the UART peripheral.
UART_ITConfig
UART_IT specifies the interrupt source
to be enabled.
NewState can be ENABLE or
DISABLE.
Enables or disables
the specific UART
interrupts.
UART_IsITEnabled
UART_IT specifies the interrupt source
to be checked.
Gets a positive
value if true,
zero otherwise.
Checks whether
a specific UART
interrupt source is
enabled.
UART_HalfDuplexCmd
NewState can be ENABLE or
DISABLE.
Enables or disables
the UART's half duplex
communication.
UART_LINBreakDetectionConfig
UART_LINBreakDetectionLength
specifies whether the LIN break
detection length is 10 or 11 bits.
Sets the UART line
break detection length.
UART_LINCmd
NewState can be ENABLE or
DISABLE.
Enables or disables
the UART's line break
detection.
UART_WakeUpConfig
UART_WakeUp specifies the UART
wake-up method to be used.
Selects the UART
wake-up method.
UART_ReceiverWakeUpCmd
NewState can be ENABLE or
DISABLE.
Determines if the
UART is in mute mode
or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com